Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA08509D Datasheet (PDF) - Tyco Electronics

MA08509D Datasheet PDF - Tyco Electronics
Part # MA08509D_1
Download  MA08509D Download
File Size   208.06 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 10W 8.5-10.5 GHz

MA08509D Datasheet (PDF)

Go To PDF Page Download Datasheet
MA08509D Datasheet PDF - Tyco Electronics

Part # MA08509D_1
Download  MA08509D Click to download

File Size   208.06 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 10W 8.5-10.5 GHz

MA08509D Datasheet (HTML) - Tyco Electronics




Similar Part No. - MA08509D_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA08509D MACOM-MA08509D Datasheet
69Kb / 3P
10W Power Amplifier Die Preliminary Release 8.0-11 GHz
More results


Similar Description - MA08509D_1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8286 TRIQUINT-TGA8286 Datasheet
546Kb / 7P
8 - 10.5 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000079-PKG001 MACOM-MAAP-000079-PKG001 Datasheet
188Kb / 5P
Amplifier, Power, 20W 7.5-10.5 GHz
MAAPGM0079-DIE MACOM-MAAPGM0079-DIE Datasheet
529Kb / 8P
Amplifier, Power, 20W 7.5-10.5 GHz
MAAP-000079-PED000 MACOM-MAAP-000079-PED000 Datasheet
457Kb / 9P
Amplifier, Power, 18W 7.5-10.5 GHz
MAAPGM0063-DIE MACOM-MAAPGM0063-DIE Datasheet
368Kb / 5P
8.5-11.0 GHZ, 5W Power Amplifier
logo
Transcom, Inc.
TA085-105-31-17 TRANSCOM-TA085-105-31-17 Datasheet
17Kb / 1P
8.5 - 10.5 GHz 17dBm Amplifier
logo
TriQuint Semiconductor
TGA2704 TRIQUINT-TGA2704_15 Datasheet
307Kb / 15P
9 to 10.5 GHz High Power Amplifier
TGA2710 TRIQUINT-TGA2710_15 Datasheet
313Kb / 16P
10.5 to 12 GHz High Power Amplifier
logo
Qorvo, Inc
QPM1002 QORVO-QPM1002 Datasheet
1Mb / 23P
8.5 ??10.5 GHz GaN T/R Module
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
7.1 ??8.5 GHz Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com