Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA08509D Datasheet (PDF) - Tyco Electronics

MA08509D Datasheet PDF - Tyco Electronics
Part # MA08509D
Download  MA08509D Download
File Size   69.84 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10W Power Amplifier Die Preliminary Release 8.0-11 GHz

MA08509D Datasheet (PDF)

Go To PDF Page Download Datasheet
MA08509D Datasheet PDF - Tyco Electronics

Part # MA08509D
Download  MA08509D Click to download

File Size   69.84 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10W Power Amplifier Die Preliminary Release 8.0-11 GHz

MA08509D Datasheet (HTML) - Tyco Electronics


MA08509D Product details

Description
The MA08509D is a 3-stage 10 W power amplifier with on-chip bias networks. This product is fully matched to 50 ohms on both the input and output.
Fabricated using M/A-COM’s repeatable, high performance and highly reliable GaAs Multifunction Self-Aligned Gate (MSAG™) Process, each device is 100% RF tested on wafer to ensure performance compliance.

Features
♦ 10 Watt CW Saturated Output Power Level
♦ Variable Drain Voltage (8-10V) Operation
♦ GaAs MSAG™ Process
♦ Proven Manufacturability and Reliability
    □ No Airbridges
    □ Polyimide Scratch Protection
    □ No Hydrogen Poisoning Susceptibility

Primary Applications
♦ Weather Radar
♦ Airborne Radar




Similar Part No. - MA08509D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
Amplifier, Power, 10W 8.5-10.5 GHz
More results


Similar Description - MA08509D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA01502D MACOM-MA01502D Datasheet
54Kb / 5P
Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz
MA01503D MACOM-MA01503D Datasheet
56Kb / 5P
Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz
logo
List of Unclassifed Man...
RT240PD ETC1-RT240PD Datasheet
704Kb / 10P
Preliminary 10W Power Transistor
logo
Tyco Electronics
MAAP-000074-PKG001 MACOM-MAAP-000074-PKG001 Datasheet
187Kb / 5P
Amplifier, Power, 8W 2.0-8.0 GHz
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
Amplifier, Power, 10W 8.5-10.5 GHz
logo
Excelics Semiconductor,...
RFMA5880-0.1W-02 EXCELICS-RFMA5880-0.1W-02 Datasheet
174Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
10W GaN on SiC Power Amplifier Die
logo
Transcom, Inc.
TA012-014-40-40 TRANSCOM-TA012-014-40-40 Datasheet
60Kb / 1P
1.2 ~ 1.4 GHz 10W Power Amplifier
TC3761 TRANSCOM-TC3761 Datasheet
219Kb / 4P
9.2 - 10 GHz 10W Power Amplifier
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NNA-2 TOPWAY-LMT070DICFWD-NNA-2 Datasheet
887Kb / 15P
Preliminary release
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com