Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA01503D Datasheet (PDF) - Tyco Electronics

MA01503D Datasheet PDF - Tyco Electronics
Part # MA01503D
Download  MA01503D Download
File Size   56.49 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz

MA01503D Datasheet (PDF)

Go To PDF Page Download Datasheet
MA01503D Datasheet PDF - Tyco Electronics

Part # MA01503D
Download  MA01503D Click to download

File Size   56.49 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz

MA01503D Datasheet (HTML) - Tyco Electronics


MA01503D Product details

Description
The MA01503D is a balanced 3-stage low noise amplifier with on-chip, receiver protecting 10 Watt limiter. This product is fully matched to 50 ohms on both the input and output.

Features
♦ 8.5 to 12.0 GHz Operation
♦ 10 Watt CW On-chip Limiter
♦ Balanced Design –Excellent Return Loss
♦ Self-Aligned MSAG® MESFET Process

Primary Applications
♦ Weather Radar
♦ Airborne Radar




Similar Part No. - MA01503D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA01503D MACOM-MA01503D_1 Datasheet
348Kb / 7P
X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
More results


Similar Description - MA01503D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA01502D MACOM-MA01502D Datasheet
54Kb / 5P
Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz
MA08509D MACOM-MA08509D Datasheet
69Kb / 3P
10W Power Amplifier Die Preliminary Release 8.0-11 GHz
MA01502D MACOM-MA01502D_1 Datasheet
319Kb / 6P
X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
MA01503D MACOM-MA01503D_1 Datasheet
348Kb / 7P
X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
logo
M/A-COM Technology Solu...
MAAM71200 MA-COM-MAAM71200 Datasheet
180Kb / 4P
Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
MAAM71200-H1 MA-COM-MAAM71200-H1 Datasheet
80Kb / 3P
Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
logo
TriQuint Semiconductor
QPM1000 TRIQUINT-QPM1000 Datasheet
1Mb / 11P
2 -20 GHz Limiter/Low-Noise Amplifier
TGL2209-SM TRIQUINT-TGL2209-SM Datasheet
1Mb / 9P
8.0-12.0 GHz 50 Watt VPIN Limiter
logo
Mini-Circuits
TSS-53LNB-D MINI-TSS-53LNB-D Datasheet
563Kb / 6P
Low Noise Bypass Amplifier Die
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NNA-2 TOPWAY-LMT070DICFWD-NNA-2 Datasheet
887Kb / 15P
Preliminary release
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com