Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM71200-H1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAAM71200-H1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAAM71200-H1
Download  MAAM71200-H1 Download
File Size   80.58 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz

MAAM71200-H1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAM71200-H1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAAM71200-H1
Download  MAAM71200-H1 Click to download

File Size   80.58 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz

MAAM71200-H1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAAM71200-H1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM71200-H1 MACOM-MAAM71200-H1 Datasheet
96Kb / 2P
Low Noise GaAs MMIC Amplifier 7.5 - 12 GHz
logo
M/A-COM Technology Solu...
MAAM71200-H1 MA-COM-MAAM71200-H1 Datasheet
129Kb / 3P
Low Noise GaAs MMIC Power Amplifier
MAAM71200-H1 MA-COM-MAAM71200-H1 Datasheet
129Kb / 3P
Low Noise GaAs MMIC Power Amplifier
MAAM71200-H1 MA-COM-MAAM71200-H1_15 Datasheet
518Kb / 4P
Low Noise GaAs MMIC Power Amplifier
MAAM71200-H1_V7 MA-COM-MAAM71200-H1_V7 Datasheet
129Kb / 3P
Low Noise GaAs MMIC Power Amplifier
More results


Similar Description - MAAM71200-H1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM71200-H1 MACOM-MAAM71200-H1 Datasheet
96Kb / 2P
Low Noise GaAs MMIC Amplifier 7.5 - 12 GHz
MAAM71200 MACOM-MAAM71200 Datasheet
193Kb / 2P
Low Noise GaAs MMIC Amplifier 7.5-12GHz
logo
Mimix Broadband
XB1009-QT MIMIX-XB1009-QT Datasheet
267Kb / 8P
12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MAAM71200 MA-COM-MAAM71200 Datasheet
180Kb / 4P
Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
logo
Hittite Microwave Corpo...
HMC962LC4 HITTITE-HMC962LC4 Datasheet
1,019Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 7.5 - 26.5 GHz
logo
Mimix Broadband
XP1042-BD MIMIX-XP1042-BD Datasheet
393Kb / 1P
12.0-16.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1042-BD MA-COM-XP1042-BD Datasheet
345Kb / 1P
12.0-16.0 GHz GaAs MMIC
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
1.5?? GHz Low Noise GaAs MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com