Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC962LC4 Datasheet (PDF) - Hittite Microwave Corporation

HMC962LC4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC962LC4
Download  HMC962LC4 Download
File Size   1019.72 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 7.5 - 26.5 GHz

HMC962LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC962LC4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC962LC4
Download  HMC962LC4 Click to download

File Size   1019.72 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 7.5 - 26.5 GHz

HMC962LC4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC962LC4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Similar Description - HMC962LC4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM71200-H1 MACOM-MAAM71200-H1 Datasheet
96Kb / 2P
Low Noise GaAs MMIC Amplifier 7.5 - 12 GHz
logo
M/A-COM Technology Solu...
MAAM71200 MA-COM-MAAM71200 Datasheet
180Kb / 4P
Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
MAAM71200-H1 MA-COM-MAAM71200-H1 Datasheet
80Kb / 3P
Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
logo
Hittite Microwave Corpo...
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com