Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7438W Datasheet (PDF) - Belden Inc.

7438W Datasheet PDF - Belden Inc.
Part # 7438W
Download  7438W Download
File Size   147.54 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 61G C #14 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER

7438W Datasheet (PDF)

Go To PDF Page Download Datasheet
7438W Datasheet PDF - Belden Inc.

Part # 7438W
Download  7438W Click to download

File Size   147.54 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 61G C #14 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER

7438W Datasheet (HTML) - Belden Inc.


7438W Product details

Product Description
MachFlex™ for High Flex, 6+1G Conductor 14AWG (41x30) Bare Copper, PVC-NYL Insulation, TPE Outer Jacket, 1000V WTTC, 600V TC-ER




Similar Part No. - 7438W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7438 FAIRCHILD-7438 Datasheet
72Kb / 5P
Quad 2-Input NAND Buffers with Open-Collector Outputs
logo
Wixroyd Group Ltd
74380 WIXROYD-74380 Datasheet
229Kb / 1P
Adjustable Clamping Lever threaded bore - stainless
logo
Amphenol Communications...
74388 AMPHENOLCS-74388 Datasheet
160Kb / 3P
6mm RECEPTACLE ASSEMBLY 10 X 40 = 400 POS.
1998-01-05
74388-001 AMPHENOLCS-74388-001 Datasheet
160Kb / 3P
6mm RECEPTACLE ASSEMBLY 10 X 40 = 400 POS.
1998-01-05
74388-001LF AMPHENOLCS-74388-001LF Datasheet
160Kb / 3P
6mm RECEPTACLE ASSEMBLY 10 X 40 = 400 POS.
1998-01-05
More results


Similar Description - 7438W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1046A BELDEN-1046A Datasheet
154Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER
05-25-2023
28081A BELDEN-28081A Datasheet
187Kb / 2P
TC VN/PVC, 3 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28084A BELDEN-28084A Datasheet
158Kb / 2P
TC VN/PVC, 6 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28108A BELDEN-28108A Datasheet
158Kb / 2P
TC VN/PVC, 30 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A04142R BELDEN-A04142R Datasheet
138Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28153AX BELDEN-28153AX Datasheet
139Kb / 2P
TC VN/PVC, 3 C #6 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A02141O BELDEN-A02141O Datasheet
142Kb / 2P
TC-ER VN/PVC, 2G C #14 Str BC, PVC-NYL Ins, E1, 1 C #14 Str BC Ins Grnd, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
12-22-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
A03142Q BELDEN-A03142Q Datasheet
141Kb / 2P
TC VN/PVC, 3 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
A04141W BELDEN-A04141W Datasheet
139Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
10-25-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com