Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74388-001LF Datasheet (PDF) - Amphenol Communications Solutions

74388-001LF Datasheet PDF - Amphenol Communications Solutions
Part # 74388-001LF
Download  74388-001LF Download
File Size   160.5 Kbytes
Page   3 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description 6mm RECEPTACLE ASSEMBLY 10 X 40 = 400 POS.

74388-001LF Datasheet (PDF)

Go To PDF Page Download Datasheet
74388-001LF Datasheet PDF - Amphenol Communications Solutions

Part # 74388-001LF
Download  74388-001LF Click to download

File Size   160.5 Kbytes
Page   3 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description 6mm RECEPTACLE ASSEMBLY 10 X 40 = 400 POS.

74388-001LF Datasheet (HTML) - Amphenol Communications Solutions




Similar Part No. - 74388-001LF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7438 FAIRCHILD-7438 Datasheet
72Kb / 5P
Quad 2-Input NAND Buffers with Open-Collector Outputs
logo
Wixroyd Group Ltd
74380 WIXROYD-74380 Datasheet
229Kb / 1P
Adjustable Clamping Lever threaded bore - stainless
logo
Fairchild Semiconductor
7438SJ FAIRCHILD-7438SJ Datasheet
72Kb / 5P
Quad 2-Input NAND Buffers with Open-Collector Outputs
logo
Belden Inc.
7438W BELDEN-7438W Datasheet
147Kb / 3P
MachFlex™, 61G C #14 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER
05-05-2023
7438W-0601000 BELDEN-7438W-0601000 Datasheet
147Kb / 3P
MachFlex™, 61G C #14 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC, 600V TC-ER
05-05-2023
More results


Similar Description - 74388-001LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL1105 ETC2-TL1105 Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
TACT SWITCHES SMT - 6mm x 6mm
TL1105 E-SWITCH-TL1105 Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL3303 E-SWITCH-TL3303 Datasheet
118Kb / 1P
TACT SWITCHES SMT - 6mm x 6mm
TL1105AF160Q E-SWITCH-TL1105AF160Q Datasheet
240Kb / 3P
SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
TL1105DF250Q E-SWITCH-TL1105DF250Q Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL1105WF250Q E-SWITCH-TL1105WF250Q Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
logo
FCI connector
84517-001LF FCI-CONNECTOR-84517-001LF Datasheet
161Kb / 3P
4.0mm RECPT, ASSY 10 X 20 = 200 POS
logo
E-SWITCH
TL1105SF250Q E-SWITCH-TL1105SF250Q Datasheet
1Mb / 4P
TACT SWITCHES - 6mm x 6mm
logo
MMD Components
TF206 MMD-TF206 Datasheet
69Kb / 2P
2mm X 6mm Cylindrical
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com