Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAP-008015 Datasheet (PDF) - Tyco Electronics

MAAP-008015 Datasheet PDF - Tyco Electronics
Part # MAAP-008015
Download  MAAP-008015 Download
File Size   207.84 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g

MAAP-008015 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAP-008015 Datasheet PDF - Tyco Electronics

Part # MAAP-008015
Download  MAAP-008015 Click to download

File Size   207.84 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g

MAAP-008015 Datasheet (HTML) - Tyco Electronics


MAAP-008015 Product details

Description
The MAAP-008015 is a three stage power amplifier, designed for 2.4 GHz linear applications. This power amplifier is available in a lead free 3 mm 12-lead PQFN plastic package. The MAAP-008015 also features an integrated power detector.

Features
• Ideal for 802.11b/g
• +23 dBm P1dB typical at 3.3 V
• 31 dB Gain typical
• 802.11b compliant to 20 dBm POUT
• 802.11g compliant to 16 dBm POUT
• Micro-Amp Shutdown
• Integrated Detector
• SiGe Process: Lowest Cost Solution
• Operates from 1.5 V to 4.0 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant 260°C Reflow Compatible




Similar Part No. - MAAP-008015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-008171 MACOM-MAAP-008171 Datasheet
207Kb / 4P
High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
MAAP-008171-001SMB MACOM-MAAP-008171-001SMB Datasheet
207Kb / 4P
High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
MAAP-008171-002SMB MACOM-MAAP-008171-002SMB Datasheet
207Kb / 4P
High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
MAAP-008171-003SMB MACOM-MAAP-008171-003SMB Datasheet
207Kb / 4P
High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
MAAP-008171-004SMB MACOM-MAAP-008171-004SMB Datasheet
207Kb / 4P
High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
More results


Similar Description - MAAP-008015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com