Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0075 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAAPSS0075 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAAPSS0075
Download  MAAPSS0075 Download
File Size   179.99 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g

MAAPSS0075 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0075 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0075
Download  MAAPSS0075 Click to download

File Size   179.99 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g

MAAPSS0075 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAAPSS0075 Product details

Description
The MAAPSS0075 is a three stage power amplifier, designed for 2.4 GHz linear applications. This power amplifier is available in a lead free 3 mm 12-lead PQFN plastic package. The MAAPSS0075 also features an integrated power detector.

Features
• Ideal for 802.11b/g
• +26 dBm P1dB Typical at 3.3 V
• 29.5 dB Gain Typical
• 802.11b compliant to 23 dBm POUT
• 802.11g compliant to 19 dBm POUT
• Micro-Amp Shutdown
• Integrated Detector
• SiGe Process: Lowest Cost Solution
• Operates from 1.5 V to 4.0 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant 260°C Reflow Compatible




Similar Part No. - MAAPSS0075

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
Linear Power Amplifier
logo
Tyco Electronics
MAAPSS0075SMB MACOM-MAAPSS0075SMB Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAPSS0075TR MACOM-MAAPSS0075TR Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAPSS0075TR-3000 MACOM-MAAPSS0075TR-3000 Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results


Similar Description - MAAPSS0075

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com