Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R448 Datasheet (PDF) - Nidec Motor Corporation.

R448 Datasheet PDF - Nidec Motor Corporation.
Part # R448
Download  R448 Download
File Size   804.29 Kbytes
Page   16 Pages
Manufacturer  NIDEC [Nidec Motor Corporation.]
Direct Link  https://acim.nidec.com
Logo NIDEC - Nidec Motor Corporation.
Description Operating temperature: - 30°C to 70°C

R448 Datasheet (PDF)

Go To PDF Page Download Datasheet
R448 Datasheet PDF - Nidec Motor Corporation.

Part # R448
Download  R448 Click to download

File Size   804.29 Kbytes
Page   16 Pages
Manufacturer  NIDEC [Nidec Motor Corporation.]
Direct Link  https://acim.nidec.com
Logo NIDEC - Nidec Motor Corporation.
Description Operating temperature: - 30°C to 70°C

R448 Datasheet (HTML) - Nidec Motor Corporation.


R448 Product details

Description
The A.V.R. R 448 V50 is delivered in a box
designed to be mounted on a panel with
suspension.
Connexions are made with «Faston»
connectors.
- Operating temperature: - 30°C to +70°C
- Storage temperature: - 55°C to + 85°C
- Shocks on the base: 9g for the 3 axis
- Vibrations: Less than 10Hz: 2mm half
peak amplitude
10Hz to 100Hz: 100mm/s, above 100Hz:
8g




Similar Part No. - R448

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R44 ISC-R44 Datasheet
304Kb / 2P
isc Silicon NPN RF Transistor
R44 ISC-R44 Datasheet
275Kb / 2P
isc Silicon NPN RF Transistor
logo
Harwin Plc
R44-100 HARWIN-R44-100 Datasheet
2Mb / 1P
Metric & Imperial Spacers
logo
Aeroflex Circuit Techno...
R4400 AEROFLEX-R4400 Datasheet
169Kb / 11P
A MIPS R4400 RISC Microprocessor Multichip Module
logo
List of Unclassifed Man...
R4400 ETC1-R4400 Datasheet
1Mb / 754P
MIPS R4000 Microprocessor
More results


Similar Description - R448

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1370 ADVANTECH-ARK-1370 Datasheet
408Kb / 2P
Low Power Consumption with -40째 C Operating Temperature
logo
PHOENIX CONTACT
3240116 PHOENIX-3240116 Datasheet
83Kb / 3P
C-RC 70/M8 DIN
3240117 PHOENIX-3240117 Datasheet
83Kb / 3P
C-RC 70/M10 DIN
logo
Kemet Corporation
080MS12AAMA1STD KEMET-080MS12AAMA1STD Datasheet
589Kb / 7P
MS/MD, 60°C/70°C
6/21/2021
logo
Renesas Technology Corp
RV1S2211A RENESAS-RV1S2211A Datasheet
1Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C, LOW FORWARD-CURRENT(IF)
Nov 11,2019
RV1S2281A RENESAS-RV1S2281A Datasheet
1Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C
Nov 11,2019
RV1S2285A RENESAS-RV1S2285A Datasheet
6Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C,AC INPUT RESPONSE
Nov 11,2019
logo
Guangdong Youtai Semico...
TMP112BIDRLR UMW-TMP112BIDRLR Datasheet
763Kb / 17P
Temperature range: -55°C ~ 150°C
logo
Marathon Special Produc...
HVPB112 MARATHON-HVPB112 Datasheet
140Kb / 3P
Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
HVPB114 MARATHON-HVPB114 Datasheet
152Kb / 3P
Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com