Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0013 Datasheet (PDF) - Tyco Electronics

MAATCC0013 Datasheet PDF - Tyco Electronics
Part # MAATCC0013
Download  MAATCC0013 Download
File Size   203.32 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Voltage Variable Attenuator 824 - 960 MHz

MAATCC0013 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATCC0013 Datasheet PDF - Tyco Electronics

Part # MAATCC0013
Download  MAATCC0013 Click to download

File Size   203.32 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Voltage Variable Attenuator 824 - 960 MHz

MAATCC0013 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAATCC0013

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATCC0013 MA-COM-MAATCC0013 Datasheet
91Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
MAATCC0013 MA-COM-MAATCC0013 Datasheet
91Kb / 5P
Voltage Variable Attenuator
MAATCC0013 MA-COM-MAATCC0013 Datasheet
730Kb / 6P
Voltage Variable Attenuator
MAATCC0013-TB MA-COM-MAATCC0013-TB Datasheet
91Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
MAATCC0013-TB MA-COM-MAATCC0013-TB Datasheet
730Kb / 6P
Voltage Variable Attenuator
More results


Similar Description - MAATCC0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0008 MACOM-AT65-0008 Datasheet
262Kb / 5P
Voltage Variable Attenuator, 900 - 2500 MHz
AT65-0009 MACOM-AT65-0009 Datasheet
225Kb / 4P
Voltage Variable Attenuator 824 - 960 MHz
AT65-0009 MACOM-AT65-0009_1 Datasheet
395Kb / 4P
Voltage Attenuator,824 - 960 MHz
MAAV-007087-000100 MACOM-MAAV-007087-000100 Datasheet
220Kb / 4P
Voltage Variable Attenuator 900 - 2500 MHz
MAAV-007089-000100 MACOM-MAAV-007089-000100 Datasheet
214Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
Voltage Variable Attenuator 1700 - 2000 MHz
MAAV-007091-000100 MACOM-MAAV-007091-000100 Datasheet
251Kb / 5P
Voltage Variable Attenuator 1700 - 2200 MHz
MAAV-007092-000100 MACOM-MAAV-007092-000100 Datasheet
231Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAATCC0013 MA-COM-MAATCC0013 Datasheet
91Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
AT65-0009 MA-COM-AT65-0009 Datasheet
90Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com