Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0013 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAATCC0013 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAATCC0013
Download  MAATCC0013 Download
File Size   91.27 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Voltage Variable Attenuator 824 - 960 MHz

MAATCC0013 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATCC0013 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAATCC0013
Download  MAATCC0013 Click to download

File Size   91.27 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Voltage Variable Attenuator 824 - 960 MHz

MAATCC0013 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAATCC0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0013 MACOM-MAATCC0013 Datasheet
203Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAATCC0013 MA-COM-MAATCC0013 Datasheet
91Kb / 5P
Voltage Variable Attenuator
MAATCC0013 MA-COM-MAATCC0013 Datasheet
730Kb / 6P
Voltage Variable Attenuator
logo
Tyco Electronics
MAATCC0013-TB MACOM-MAATCC0013-TB Datasheet
203Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAATCC0013-TB MA-COM-MAATCC0013-TB Datasheet
730Kb / 6P
Voltage Variable Attenuator
More results


Similar Description - MAATCC0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0008 MACOM-AT65-0008 Datasheet
262Kb / 5P
Voltage Variable Attenuator, 900 - 2500 MHz
AT65-0009 MACOM-AT65-0009 Datasheet
225Kb / 4P
Voltage Variable Attenuator 824 - 960 MHz
AT65-0009 MACOM-AT65-0009_1 Datasheet
395Kb / 4P
Voltage Attenuator,824 - 960 MHz
MAATCC0013 MACOM-MAATCC0013 Datasheet
203Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
MAAV-007087-000100 MACOM-MAAV-007087-000100 Datasheet
220Kb / 4P
Voltage Variable Attenuator 900 - 2500 MHz
MAAV-007089-000100 MACOM-MAAV-007089-000100 Datasheet
214Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
Voltage Variable Attenuator 1700 - 2000 MHz
MAAV-007091-000100 MACOM-MAAV-007091-000100 Datasheet
251Kb / 5P
Voltage Variable Attenuator 1700 - 2200 MHz
MAAV-007092-000100 MACOM-MAAV-007092-000100 Datasheet
231Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT65-0009 MA-COM-AT65-0009 Datasheet
90Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com