Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0013 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0013
Description  Voltage Variable Attenuator 824 - 960 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0013 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Voltage Variable Attenuator
824 - 960 MHz
Rev. V3
MAATCC0013
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω, F = 824 to 960 MHz
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
VB = 0 V
dB
—
1.7
2.1
VSWR
Ratio
—
1.7
2.2
Attenuation Flatness vs.
Frequency
0 - 10 dB
0 - 20 dB
0 - 30 dB
dB
dB
dB
—
—
—
1.3
1.3
2.5
—
—
—
Switching Speed
50% control to 90%/10% RF
usec
—
7.0
—
Input IP3
Two Tones 900 MHz, 905 MHz, +5 dBm
VB = 0 V
dBm
—
40
—
Input IP2
Two Tones 900 MHz, 905 MHz, +5 dBm
VB = 0 V
dBm
—
34
—
Attenuation
IB = 0.30 to 0.45 mA
dB
25
28
—
Recommended PCB Configuration
5
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Max Input Power
+27 dBm
Operating Voltage
+5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
3.
Exceeding any one or combination of these limits may
cause permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC
Circuits
are
sensitive
to
electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.
5.
Circuit Material = FR-406, 0.031 inches thick.
Line Width = 0.025 inches, Line Spacing = 0.0056
inches.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com