Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0044 Datasheet (PDF) - Tyco Electronics

MABACT0044 Datasheet PDF - Tyco Electronics
Part # MABACT0044
Download  MABACT0044 Download
File Size   80.38 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 Transmission line Transformer 5 - 1000 MHz

MABACT0044 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0044 Datasheet PDF - Tyco Electronics

Part # MABACT0044
Download  MABACT0044 Click to download

File Size   80.38 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 Transmission line Transformer 5 - 1000 MHz

MABACT0044 Datasheet (HTML) - Tyco Electronics


MABACT0044 Product details

Description
M/A-COM’s MABACT0044 is a 1.33:1 RF transmission line transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.

Features
• SMT unit
• 1.33:1 impedance
• 75Ω single ended to 100Ω Balanced
• Available on tape & reel
• Excellent temperature stability




Similar Part No. - MABACT0044

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0040 MACOM-MABACT0040 Datasheet
82Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0040 MA-COM-MABACT0040 Datasheet
84Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
MABACT0040 MA-COM-MABACT0040 Datasheet
88Kb / 3P
1:1 Transmission Line Transformer, with center tap
MABACT0040 MA-COM-MABACT0040 Datasheet
934Kb / 5P
1:1 Transmission Line Transformer, with center tap
MABACT0040-TB MA-COM-MABACT0040-TB Datasheet
934Kb / 5P
1:1 Transmission Line Transformer, with center tap
More results


Similar Description - MABACT0044

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0039 MACOM-MABACT0039 Datasheet
70Kb / 3P
1:1 Transmission Line Transformer 5-3000MHz
MABACT0043 MACOM-MABACT0043 Datasheet
161Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABA-007871-CT1A40 MACOM-MABA-007871-CT1A40 Datasheet
150Kb / 3P
Transformer 1:1 transmission line balun 5 to 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0060 MA-COM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0066 MA-COM-MABACT0066 Datasheet
135Kb / 3P
Transformer, 4:1 transmission line 5 to 1000 MHz
MABACT0039 MA-COM-MABACT0039 Datasheet
68Kb / 3P
1:1 Transmission Line Transformer 5-3000MHz
MABACT0043 MA-COM-MABACT0043 Datasheet
131Kb / 3P
1:1 Transmission Line Transformer 5 to 1200 MHz
MABAES0032 MA-COM-MABAES0032 Datasheet
97Kb / 3P
Transformer, 1:1 Transmission Line Transformer 5 to 1000 MHz
MABA-009092-CT1A40 MA-COM-MABA-009092-CT1A40 Datasheet
137Kb / 3P
1.33:1 Transmission Line Balun Transformer 5 - 1000 MHz
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer 5 to 1200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com