Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0044 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0044
Description  1:1 Transmission line Transformer 5 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0044 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0044 Datasheet HTML 1Page - Tyco Electronics MABACT0044 Datasheet HTML 2Page - Tyco Electronics MABACT0044 Datasheet HTML 3Page - Tyco Electronics MABACT0044 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range: 5-1000 MHz
Insertion Loss 1 (Pin 1 – 4)
through
5 - 870 MHz
870 - 1000 MHz
dB
dB
—
—
1.5
2.0
1.9
2.7
Insertion Loss 2 (Pin 3 – 4)
coupled
5 - 50 MHz
50 – 870 MHz
870 - 1000 MHz
dB
dB
dB
—
—
—
1.0
0.8
0.9
1.5
1.2
1.5
Amplitude Balance
5 – 50 MHz
50 - 870 MHz
870 - 1000 MHz
dB
dB
dB
—
—
—
±1.2
±0.4
±0.7
±1.9
±1.1
±1.5
Phase Balance
5 - 50 MHz
50 - 1000 MHz
°
°
—
—
±10
±4
±25
±10
Input Return Loss
5 – 20 MHz
20 - 200 MHz
200 – 400 MHz
400 –700 MHz
700-1000 MHz
dB
dB
dB
dB
dB
13
20
15
10
8
18
25
22
15
12
—
—
—
—
—
Features
• SMT unit
• 1.33:1 impedance
• 75Ω single ended to 100Ω Balanced
• Available on tape & reel
• Excellent temperature stability
Description
M/A-COM’s MABACT0044 is a
1.33:1 RF transmission line
transformer in a low cost,
surface mount package.
Ideally suited for high
volume CATV/Broadband
applications.
Electrical Specifications @ 25
°°°°C, 75 Ohm
1:1 Transmission line
Transformer 5 – 1000 MHz
M/A-COM Inc. and it’s affiliates reserve the right to make changes to the product(s)
Or information contained herein without notice
Visit www.macom.com for additional data sheets and product information
! North America: Tel. (800) 366-266, Fax (800) 618-8883
! Asia/Pacific: Tel.+ 81-44-844-8296, Fax+81-44-844-8298
! Europe: Tel. +44(1908) 574 200, Fax +44(1908) 574 300
V2
MABACT0044


Similar Part No. - MABACT0044

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0040 MACOM-MABACT0040 Datasheet
82Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0040 MA-COM-MABACT0040 Datasheet
84Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
MABACT0040 MA-COM-MABACT0040 Datasheet
88Kb / 3P
1:1 Transmission Line Transformer, with center tap
MABACT0040 MA-COM-MABACT0040 Datasheet
934Kb / 5P
1:1 Transmission Line Transformer, with center tap
MABACT0040-TB MA-COM-MABACT0040-TB Datasheet
934Kb / 5P
1:1 Transmission Line Transformer, with center tap
More results

Similar Description - MABACT0044

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0039 MACOM-MABACT0039 Datasheet
70Kb / 3P
1:1 Transmission Line Transformer 5-3000MHz
MABACT0043 MACOM-MABACT0043 Datasheet
161Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABA-007871-CT1A40 MACOM-MABA-007871-CT1A40 Datasheet
150Kb / 3P
Transformer 1:1 transmission line balun 5 to 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0060 MA-COM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0066 MA-COM-MABACT0066 Datasheet
135Kb / 3P
Transformer, 4:1 transmission line 5 to 1000 MHz
MABACT0039 MA-COM-MABACT0039 Datasheet
68Kb / 3P
1:1 Transmission Line Transformer 5-3000MHz
MABACT0043 MA-COM-MABACT0043 Datasheet
131Kb / 3P
1:1 Transmission Line Transformer 5 to 1200 MHz
MABAES0032 MA-COM-MABAES0032 Datasheet
97Kb / 3P
Transformer, 1:1 Transmission Line Transformer 5 to 1000 MHz
MABA-009092-CT1A40 MA-COM-MABA-009092-CT1A40 Datasheet
137Kb / 3P
1.33:1 Transmission Line Balun Transformer 5 - 1000 MHz
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer 5 to 1200 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com