Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0067 Datasheet (PDF) - Tyco Electronics

MABACT0067 Datasheet PDF - Tyco Electronics
Part # MABACT0067
Download  MABACT0067 Download
File Size   79.54 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 4:1 Flux Coupled Transformer 1-350MHz

MABACT0067 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0067 Datasheet PDF - Tyco Electronics

Part # MABACT0067
Download  MABACT0067 Click to download

File Size   79.54 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 4:1 Flux Coupled Transformer 1-350MHz

MABACT0067 Datasheet (HTML) - Tyco Electronics


MABACT0067 Product details

Description
M/ACom’s MABACT0067 is a 4:1 RF flux coupled step up transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.

Features
• Surface Mount
• 4:1 Impedance
• Excellent amplitude and phase balance
• Can be used in both 50Ω and 75Ω systems
• 260°C Reflow Compatible
• RoHS* Compliant
• Available on Tape and Reel. Reel quantity 2000




Similar Part No. - MABACT0067

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0067 MA-COM-MABACT0067 Datasheet
80Kb / 3P
4:1 Flux Coupled Transformer 1-350MHz
MABACT0067TR MA-COM-MABACT0067TR Datasheet
80Kb / 3P
4:1 Flux Coupled Transformer 1-350MHz
More results


Similar Description - MABACT0067

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007766-CF28A0 MACOM-MABA-007766-CF28A0 Datasheet
71Kb / 3P
1.5:1 Flux Coupled Transformer 5-350MHz
MABA-007493-CF4160 MACOM-MABA-007493-CF4160 Datasheet
93Kb / 3P
4:1 Flux Coupled Step-up Transformer 1-350MHz
logo
M/A-COM Technology Solu...
MABACT0067 MA-COM-MABACT0067 Datasheet
80Kb / 3P
4:1 Flux Coupled Transformer 1-350MHz
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160 Datasheet
100Kb / 3P
4:1 Flux Coupled Step-up Transformer 1-350MHz
MABA-007766-CF28A0 MA-COM-MABA-007766-CF28A0 Datasheet
69Kb / 3P
1.5:1 Flux Coupled Transformer 5-350MHz
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
DS-MABA-009836-CF48A0_V1 MA-COM-DS-MABA-009836-CF48A0_V1 Datasheet
110Kb / 3P
4:1 Flux Coupled Transformer
DS-MABACT0067 MA-COM-DS-MABACT0067 Datasheet
302Kb / 3P
4:1 Flux Coupled Transformer
MABA-008260-CF4A40 MA-COM-MABA-008260-CF4A40 Datasheet
63Kb / 3P
4:1 flux Coupled Transformer
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0_15 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com