Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0067 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MABACT0067 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MABACT0067
Download  MABACT0067 Download
File Size   80.54 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 4:1 Flux Coupled Transformer 1-350MHz

MABACT0067 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0067 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MABACT0067
Download  MABACT0067 Click to download

File Size   80.54 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 4:1 Flux Coupled Transformer 1-350MHz

MABACT0067 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MABACT0067 Product details

Description
M/ACom’s MABACT0067 is a 4:1 RF flux coupled step up transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.

Features
• Surface Mount
• 4:1 Impedance
• Excellent amplitude and phase balance
• Can be used in both 50Ω and 75Ω systems
• 260°C Reflow Compatible
• RoHS* Compliant
• Available on Tape and Reel. Reel quantity 2000




Similar Part No. - MABACT0067

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0067 MACOM-MABACT0067 Datasheet
79Kb / 3P
4:1 Flux Coupled Transformer 1-350MHz
MABACT0067TR MACOM-MABACT0067TR Datasheet
79Kb / 3P
4:1 Flux Coupled Transformer 1-350MHz
More results


Similar Description - MABACT0067

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007766-CF28A0 MACOM-MABA-007766-CF28A0 Datasheet
71Kb / 3P
1.5:1 Flux Coupled Transformer 5-350MHz
MABA-007493-CF4160 MACOM-MABA-007493-CF4160 Datasheet
93Kb / 3P
4:1 Flux Coupled Step-up Transformer 1-350MHz
MABACT0067 MACOM-MABACT0067 Datasheet
79Kb / 3P
4:1 Flux Coupled Transformer 1-350MHz
logo
M/A-COM Technology Solu...
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160 Datasheet
100Kb / 3P
4:1 Flux Coupled Step-up Transformer 1-350MHz
MABA-007766-CF28A0 MA-COM-MABA-007766-CF28A0 Datasheet
69Kb / 3P
1.5:1 Flux Coupled Transformer 5-350MHz
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
DS-MABA-009836-CF48A0_V1 MA-COM-DS-MABA-009836-CF48A0_V1 Datasheet
110Kb / 3P
4:1 Flux Coupled Transformer
DS-MABACT0067 MA-COM-DS-MABACT0067 Datasheet
302Kb / 3P
4:1 Flux Coupled Transformer
MABA-008260-CF4A40 MA-COM-MABA-008260-CF4A40 Datasheet
63Kb / 3P
4:1 flux Coupled Transformer
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0_15 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com