Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS100 Datasheet (PDF) - NXP Semiconductors

PLS100 Datasheet PDF - NXP Semiconductors
Part # PLS100
Download  PLS100 Download
File Size   127.76 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Programmable logic arrays 16 횞 48 횞 8

PLS100 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLS100 Datasheet PDF - NXP Semiconductors

Part # PLS100
Download  PLS100 Click to download

File Size   127.76 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Programmable logic arrays 16 횞 48 횞 8

PLS100 Datasheet (HTML) - NXP Semiconductors


PLS100 Product details

DESCRIPTION

The PLS100 (3-State) and PLS101 (Open Collector) are bipolar, fuse Programmable Logic Arrays (PLAs). Each device utilizes the standard AND/OR/Invert architecture to directly implement custom sum of product equations.



FEATURES

• Field-programmable (Ni-Cr link)

• Input variables: 16

• Output functions: 8

• Product terms: 48

• I/O propagation delay: 50ns (max.)

• Power dissipation: 600mW (typ.)

• Input loading: –100µA (max.)

• Chip Enable input

• Output option:

– PLS100: 3-State

– PLS101: Open-Collector

• Output disable function:

– 3-State: Hi-Z

– Open-Collector: High



APPLICATIONS

• CRT display systems

• Code conversion

• Peripheral controllers

• Function generators

• Look-up and decision tables

• Microprogramming

• Address mapping

• Character generators

• Data security encoders

• Fault detectors

• Frequency synthesizers

• 16-bit to 8-bit bus interface

• Random logic replacement




Similar Part No. - PLS100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLS120A LITTELFUSE-PLS120A Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Clarke International
PLS130AH CLARKE-PLS130AH Datasheet
2Mb / 12P
POWER WASHER
DL0924 Rev 9
logo
Satco Products, Inc.
PLS132700KSPIRAL SATCO-PLS132700KSPIRAL Datasheet
125Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-1 (4-Pin) base
logo
Clarke International
PLS135AH CLARKE-PLS135AH Datasheet
3Mb / 16P
POWER WASHER
LS0818 - ISS 10
logo
NXP Semiconductors
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results


Similar Description - PLS100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
logo
Texas Instruments
TIB82S105BC TI1-TIB82S105BC Datasheet
312Kb / 14P
16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com