Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUS405-37 Datasheet (PDF) - NXP Semiconductors

PLUS405-37 Datasheet PDF - NXP Semiconductors
Part # PLUS405-37
Download  PLUS405-37 Download
File Size   164.38 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Programmable logic sequencers (16 횞 64 횞 8)

PLUS405-37 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLUS405-37 Datasheet PDF - NXP Semiconductors

Part # PLUS405-37
Download  PLUS405-37 Click to download

File Size   164.38 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Programmable logic sequencers (16 횞 64 횞 8)

PLUS405-37 Datasheet (HTML) - NXP Semiconductors


PLUS405-37 Product details

DESCRIPTION
The PLUS405 devices are bipolar, programmable state machines of the Mealy type. Both the AND and the OR array are user-programmable. All 64 AND gates are connected to the 16 external dedicated inputs (I0 - I15) and to the feedback paths of the 8 on-chip State Registers (QP0 - QP7). Two complement arrays support complex IF-THEN-ELSE state transitions with a single product term (input variables C0, C1).
All state transition terms can include True, False and Don’t Care states of the controlling state variables. All AND gates are merged into the programmable OR array to issue the next-state and next-output commands to their respective registers. Because the OR array is programmable, any one or all of the 64 transition terms can be connected to any or all of the State and Output Registers.

FEATURES
• PLUS405-37
   – fMAX = 37MHz
   – 50MHz clock rate
• PLUS405-45
   – fMAX = 45MHz
   – 58.8MHz clock rate
• Functional superset of PLS105/105A
• Field-programmable (Ti-W fusible link)
• 16 input variables
• 8 output functions
• 64 transition terms
• 8-bit State Register
• 8-bit Output Register
• 2 transition Complement Arrays
• Multiple clocks*
• Programmable Asynchronous Initialization or Output Enable
• Power-on preset of all registers to “1”
• “On-chip” diagnostic test mode features for access to state and output registers
• 950mW power dissipation (typ.)
• TTL compatible
• J-K or S-R flip-flop functions
• Automatic “Hold” states
• 3-State outputs

APPLICATIONS
• Interface protocols
• Sequence detectors
• Peripheral controllers
• Timing generators
• Sequential circuits
• Elevator contollers
• Security locking systems
• Counters
• Shift registers




Similar Part No. - PLUS405-37

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLUS405-55A PHILIPS-PLUS405-55A Datasheet
141Kb / 16P
Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLUS405-55N PHILIPS-PLUS405-55N Datasheet
141Kb / 16P
Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
More results


Similar Description - PLUS405-37

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
logo
Texas Instruments
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com