Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUS405-37 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PLUS405-37
Description  Programmable logic sequencers (16 횞 64 횞 8)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS405-37 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PLUS405-37 Datasheet HTML 5Page - NXP Semiconductors PLUS405-37 Datasheet HTML 6Page - NXP Semiconductors PLUS405-37 Datasheet HTML 7Page - NXP Semiconductors PLUS405-37 Datasheet HTML 8Page - NXP Semiconductors PLUS405-37 Datasheet HTML 9Page - NXP Semiconductors PLUS405-37 Datasheet HTML 10Page - NXP Semiconductors PLUS405-37 Datasheet HTML 11Page - NXP Semiconductors PLUS405-37 Datasheet HTML 12Page - NXP Semiconductors PLUS405-37 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Philips Semiconductors
Product specification
PLUS405-37/-45
Programmable logic sequencers
(16
× 64 × 8)
1996 Nov 12
9
AC ELECTRICAL CHARACTERISTICS
R1 = 470Ω, R2 = 1kΩ, CL = 30pF, 0°C ≤ Tamb ≤ +75°C, 4.75V ≤ VCC ≤ 5.25V
LIMITS
SYMBOL
PARAMETER
FROM
TO
PLUS405-37
PLUS405-45
UNIT
MIN
TYP1
MAX
MIN
TYP1
MAX
Pulse width
tCKH1
Clock High; CLK1 (Pin 1)
CK+
CK–
10
8
8.5
7
ns
tCKL1
Clock Low; CLK1 (Pin 1)
CK–
CK+
10
8
8.5
7
ns
tCKP1
CLK1 Period
CK+
CK+
20
16
17
14
ns
tCKH2
Clock High; CLK2 (Pin 4)
CK+
CK–
10
8
10
8
ns
tCKL2
Clock Low; CLK2 (Pin 4)
CK–
CK+
10
8
10
8
ns
tCKP2
CLK2 Period
CK+
CK+
20
16
20
16
ns
tINITH
Initialization pulse
INIT–
INIT+
15
10
15
8
ns
Setup time
tIS1
Input
Input
±
CK+
15
12
12
10
ns
tIS2
Input
(through Complement Array)
Input
±
CK+
25
20
22
18
ns
tVS
Power-on preset
VCC+
CK–
0
–10
0
–10
ns
tVCK
Clock resume
(after Initialization)
INIT–
CK–
0
–5
0
–5
ns
tNVCK
Clock lockout
(before Initialization)
CK–
INIT–
15
5
15
5
ns
Hold time
tIH
Input
CK+
Input
±
0
–5
0
–5
ns
Propagation delay
tCKO1
Clock1 (Pin 1)
CK1+
Output
±
10
12
8
10
ns
tCKO2
Clock2 (Pin 4)
CK2+
Output
±
12
15
10
12
ns
tOE2
Output Enable
OE–
Output –
12
15
12
15
ns
tOD2
Output Disable
OE+
Output +
12
15
12
15
ns
tINIT
Initialization
INIT+
Output +
15
20
15
20
ns
tPPR
Power-on Preset
VCC +
Output +
0
10
0
10
ns
Notes on following page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com