Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUS405-37 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PLUS405-37
Description  Programmable logic sequencers (16 횞 64 횞 8)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS405-37 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PLUS405-37 Datasheet HTML 9Page - NXP Semiconductors PLUS405-37 Datasheet HTML 10Page - NXP Semiconductors PLUS405-37 Datasheet HTML 11Page - NXP Semiconductors PLUS405-37 Datasheet HTML 12Page - NXP Semiconductors PLUS405-37 Datasheet HTML 13Page - NXP Semiconductors PLUS405-37 Datasheet HTML 14Page - NXP Semiconductors PLUS405-37 Datasheet HTML 15Page - NXP Semiconductors PLUS405-37 Datasheet HTML 16Page - NXP Semiconductors PLUS405-37 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Philips Semiconductors
Product specification
PLUS405-37/-45
Programmable logic sequencers
(16
× 64 × 8)
1996 Nov 12
13
TIMING DEFINITIONS
SYMBOL
PARAMETER
tCKH1, 2
Width of input clock pulse.
tCKP1, 2
Minimum guaranteed clock period.
tIS1
Required delay between beginning of valid input and positive transition of Clock.
tCKO1, 2
Delay between positive transition of Clock and when Outputs become valid (with INIT/OE Low).
tPPR
Delay between VCC (after power–on) and when Outputs become preset at “1”.
tIS2
Required delay between beginning of valid Input and positive transition of Clock, when using optional Complement Array (two
passes necessary through the AND Array).
tRJH
Required delay between positive transition of clock, and return of input I10, I11 or I12 from Diagnostic Mode (10V).
fMAX1, 2
Minimum guaranteed operating frequency; input to output (CLK1 and CLK2).
fMAX3, 4
Minimum guaranteed operating frequency; input through Complement Array, to output (CLK1 and CLK2).
fMAX5
Minimum guaranteed internal operating frequency; with internal feedback from state register to state register.
fMAX6
Minimum guaranteed internal operating frequency with Complement Array, with internal feedback from state register through
Complement Array, to state register.
fCLK
Minimum guaranteed clock frequency (register toggle frequency).
tCKL1, 2
Interval between clock pulses.
tIH
Required delay between positive transition of Clock and end of valid Input data.
tOE
Delay between beginning of Output Enable Low and when Outputs become valid.
tSRE
Delay between input I12 transition to Diagnostic Mode and when the Outputs reflect the contents of the State Register.
tRJS
Required delay between inputs I11, I10 or I12 transition to Diagnostic Mode (10V), and when the output pins become available
as inputs.
tNVCK
Required delay between the negative transition of the clock and the negative transition of the Asynchronous Initialization to
guarantee that the clock edge is not detected as a valid negative transition.
tINITH
Width of initialization input pulse.
tVS
Required delay between VCC (after power–on) and negative transition of Clock preceding first reliable clock pulse.
tOD
Delay between beginning of Output Enable High and when Outputs are in the OFF–state.
tINIT
Delay between positive transition of Initialization and when Outputs become valid.
tSRD
Delay between input I12 transition to Logic mode and when the Outputs reflect the contents of the Output Register.
tRH
Required delay between positive transition of Clock and end of valid Input data when jamming data into State or Output
Registers in diagnostic mode.
tVCK
Required delay between negative transition of Asynchronous Initialization and negative transition of Clock preceding first
reliable clock pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com