Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXSS0012 Datasheet (PDF) - Tyco Electronics

MAMXSS0012 Datasheet PDF - Tyco Electronics
Part # MAMXSS0012
Download  MAMXSS0012 Download
File Size   176.72 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost MMIC Mixer 800 - 1000 MHz

MAMXSS0012 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAMXSS0012 Datasheet PDF - Tyco Electronics

Part # MAMXSS0012
Download  MAMXSS0012 Click to download

File Size   176.72 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost MMIC Mixer 800 - 1000 MHz

MAMXSS0012 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAMXSS0012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
Low Cost MMIC Mixer
MAMXSS0012 MA-COM-MAMXSS0012_15 Datasheet
95Kb / 3P
Low Cost MMIC Mixer
More results


Similar Description - MAMXSS0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD54-0004 MACOM-MD54-0004 Datasheet
97Kb / 2P
MMIC Medium Level Mixer 800 - 1000 MHz
MD54-0005 MACOM-MD54-0005 Datasheet
68Kb / 4P
Low Cost MMIC Mixer 800 - 1000 MHz
MD54-0006 MACOM-MD54-0006 Datasheet
67Kb / 4P
Low Cost MMIC Mixer 1400 MHz - 2100 MHz
MAMXSS0011 MACOM-MAMXSS0011 Datasheet
158Kb / 3P
MMIC Medium Level Mixer 800 - 1000 MHz
MAMXSS0013 MACOM-MAMXSS0013 Datasheet
176Kb / 4P
Low Cost MMIC Mixer 1400 - 2100 MHz
logo
M/A-COM Technology Solu...
MAMXSS0011 MA-COM-MAMXSS0011 Datasheet
71Kb / 3P
MMIC Medium Level Mixer 800 - 1000 MHz
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
MD54-0004 MA-COM-MD54-0004 Datasheet
70Kb / 3P
MMIC Medium Level Mixer 800 - 1000 MHz
MD54-0005 MA-COM-MD54-0005 Datasheet
103Kb / 4P
Low Cost MMIC Mixer 800 - 1000 MHz
691354 MA-COM-691354 Datasheet
95Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com