Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXSS0012 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAMXSS0012 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAMXSS0012
Download  MAMXSS0012 Download
File Size   95.18 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost MMIC Mixer 800 - 1000 MHz

MAMXSS0012 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAMXSS0012 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAMXSS0012
Download  MAMXSS0012 Click to download

File Size   95.18 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost MMIC Mixer 800 - 1000 MHz

MAMXSS0012 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAMXSS0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXSS0012 MACOM-MAMXSS0012 Datasheet
176Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
Low Cost MMIC Mixer
logo
Tyco Electronics
MAMXSS0012SMB MACOM-MAMXSS0012SMB Datasheet
176Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
MAMXSS0012TR-3000 MACOM-MAMXSS0012TR-3000 Datasheet
176Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAMXSS0012 MA-COM-MAMXSS0012_15 Datasheet
95Kb / 3P
Low Cost MMIC Mixer
More results


Similar Description - MAMXSS0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD54-0004 MACOM-MD54-0004 Datasheet
97Kb / 2P
MMIC Medium Level Mixer 800 - 1000 MHz
MD54-0005 MACOM-MD54-0005 Datasheet
68Kb / 4P
Low Cost MMIC Mixer 800 - 1000 MHz
MD54-0006 MACOM-MD54-0006 Datasheet
67Kb / 4P
Low Cost MMIC Mixer 1400 MHz - 2100 MHz
MAMXSS0011 MACOM-MAMXSS0011 Datasheet
158Kb / 3P
MMIC Medium Level Mixer 800 - 1000 MHz
MAMXSS0012 MACOM-MAMXSS0012 Datasheet
176Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
MAMXSS0013 MACOM-MAMXSS0013 Datasheet
176Kb / 4P
Low Cost MMIC Mixer 1400 - 2100 MHz
logo
M/A-COM Technology Solu...
MAMXSS0011 MA-COM-MAMXSS0011 Datasheet
71Kb / 3P
MMIC Medium Level Mixer 800 - 1000 MHz
MD54-0004 MA-COM-MD54-0004 Datasheet
70Kb / 3P
MMIC Medium Level Mixer 800 - 1000 MHz
MD54-0005 MA-COM-MD54-0005 Datasheet
103Kb / 4P
Low Cost MMIC Mixer 800 - 1000 MHz
691354 MA-COM-691354 Datasheet
95Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com