Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008177 Datasheet (PDF) - Tyco Electronics

MASW-008177 Datasheet PDF - Tyco Electronics
Part # MASW-008177
Download  MASW-008177 Download
File Size   117.22 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPST High Isolation CATV Switch 5 - 1000 MHz

MASW-008177 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008177 Datasheet PDF - Tyco Electronics

Part # MASW-008177
Download  MASW-008177 Click to download

File Size   117.22 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPST High Isolation CATV Switch 5 - 1000 MHz

MASW-008177 Datasheet (HTML) - Tyco Electronics


MASW-008177 Product details

Description
M/A-COM’s MASW-008177 is a GaAs PHEMT MMIC single pole single throw (SPST) switch in a low cost 3 mm 12-lead PQFN package. The MASW-008177 is ideally suited for applications where low control voltage, low insertion loss, high isolation, small size and low cost are required. Typical applications are to replace mechanical relays in CATV systems. This part can be used in all 75 ohm systems operating up to 1.0 GHz.

Features
• 75 Ohm Impedance
• Positive Voltage Control (0 / +5 V)
• Input Terminated (Off State)
• Low Insertion Loss: 0.62 dB at 870 MHz
• High Isolation: 54 dB at 870 MHz
• 0.5 micron GaAs PHEMT Process
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MASWSS0067




Similar Part No. - MASW-008177

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch
MASW-008177-000000 MA-COM-MASW-008177-000000 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASW-008177-000000 MA-COM-MASW-008177-000000 Datasheet
560Kb / 5P
SPST High Isolation CATV Switch
MASW-008177-001SMB MA-COM-MASW-008177-001SMB Datasheet
98Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
More results


Similar Description - MASW-008177

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0067 MACOM-MASWSS0067 Datasheet
114Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0102 MACOM-MASWSS0102 Datasheet
288Kb / 6P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com