Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008177 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-008177 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-008177
Download  MASW-008177 Download
File Size   98.27 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SPST High Isolation CATV Switch 5 - 1000 MHz

MASW-008177 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008177 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-008177
Download  MASW-008177 Click to download

File Size   98.27 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SPST High Isolation CATV Switch 5 - 1000 MHz

MASW-008177 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-008177 Product details

Description
M/A-COM’s MASW-008177 is a GaAs PHEMT MMIC single pole single throw (SPST) switch in a low cost 3 mm 12-lead PQFN package. The MASW -008177 is ideally suited for applications where low control voltage, low insertion loss, high isolation, small size and low cost are required. Typical applications are to replace mechanical relays in CATV systems. This part can be used in all 75 ohm systems operating up to 1.0 GHz.

Features
• 75 Ohm Impedance
• Positive Voltage Control (0 / +5 V)
• Input Terminated (Off State)
• Low Insertion Loss: 0.62 dB at 870 MHz
• High Isolation: 54 dB at 870 MHz
• 0.5 micron GaAs PHEMT Process
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free ―Green‖ Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MASWSS0067




Similar Part No. - MASW-008177

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008177 MACOM-MASW-008177 Datasheet
117Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch
logo
Tyco Electronics
MASW-008177-000000 MACOM-MASW-008177-000000 Datasheet
117Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008177-000000 MA-COM-MASW-008177-000000 Datasheet
560Kb / 5P
SPST High Isolation CATV Switch
logo
Tyco Electronics
MASW-008177-001SMB MACOM-MASW-008177-001SMB Datasheet
117Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
More results


Similar Description - MASW-008177

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008177 MACOM-MASW-008177 Datasheet
117Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MACOM-MASWSS0067 Datasheet
114Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0102 MACOM-MASWSS0102 Datasheet
288Kb / 6P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com