Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596S-5.0 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

LM2596S-5.0 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # LM2596S-5.0
Download  LM2596S-5.0 Download
File Size   1056.97 Kbytes
Page   17 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 3A Step-Down Voltage Regulator

LM2596S-5.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2596S-5.0 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # LM2596S-5.0
Download  LM2596S-5.0 Click to download

File Size   1056.97 Kbytes
Page   17 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 3A Step-Down Voltage Regulator

LM2596S-5.0 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


LM2596S-5.0 Product details

The LM2596 /LM2596HV series operates at a switching
frequency of150 kHz thus allowing smaller sized filter compontents
than what would be needed with lower frequency
switching regulators. Available in a standard 5-lead TO-220
package with several different lead bend options, and a
5-lesd TO-262 surface mount package.
The LM2596 /LM2596HV series of regulators are monolithic
integrated circuits that provide all the active functions for a
step-down (buck) switching regulator, capable of driving a 3A
load with excellent line and load regulation. These devices
are available in fixed output voltages of 3.3V, 5V, 12V, and an
adjustable output version.
General Description
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation†, and a fixed-frequency oscillator.
A standard series of inductors are available from several
different manufacturers optimized for use with the LM2596
series. This feature greatly simplifies the design of
switch-mode power supplies.
Other features include a guaranteed ±4% tolerance on output
voltage under specified input voltage and output load
conditions, and ±15% on the oscillator frequency. External
shutdown is included, featuring typically 80 μA standby current.
Self protection features include a two stage frequency
reducing current limit for the output switch and an over
temperature shutdown for complete protection under fault
conditions.

Available in TO-220 and TO-263,TO-220B packages
(57V for HV version)
Features
3.3V, 5V, 12V, and adjustable output versions
Adjustable version output voltage range, 1.2V to 37V
±4% max over line and load conditions
Guaranteed 3A output load current
Input voltage range up to 40V
Requires only 4 external components
Excellent line and load regulation specifications
150 kHz fixed frequency internal oscillator
TTL shutdown capability
Low power standby mode, IQ typically 80 μA
High efficiency
Uses readily available standard inductors
Thermal shutdown and current limit protection

Applications
Simple high-efficiency step-down (buck) regulator
On-card switching regulators
Positive to negative converter




Similar Part No. - LM2596S-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596S-5.0 NSC-LM2596S-5.0 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-5.0 TI1-LM2596S-5.0 Datasheet
4Mb / 42P
LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596S-5.0 TI1-LM2596S-5.0 Datasheet
769Kb / 33P
SIMPLE SWITCHER Power Converter
logo
TECH PUBLIC Electronics...
LM2596S-5.0 TECHPUBLIC-LM2596S-5.0 Datasheet
2Mb / 8P
3A / 150kHz Step-Down DC-DC Converter
logo
Guangdong Youtai Semico...
LM2596S-5.0 UMW-LM2596S-5.0 Datasheet
3Mb / 17P
3A Step-Down Voltage Regulator
More results


Similar Description - LM2596S-5.0

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
3A STEP-DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
3A STEP DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
3A Step-Down Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com