Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-284-PIN Datasheet (PDF) - Tyco Electronics

SW-284-PIN Datasheet PDF - Tyco Electronics
Part # SW-284-PIN
Download  SW-284-PIN Download
File Size   152.71 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs Matched SP6T Switch, DC- 2GHz

SW-284-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-284-PIN Datasheet PDF - Tyco Electronics

Part # SW-284-PIN
Download  SW-284-PIN Click to download

File Size   152.71 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs Matched SP6T Switch, DC- 2GHz

SW-284-PIN Datasheet (HTML) - Tyco Electronics


SW-284-PIN Product details

Features
• Low DC Power Consumption
• Integral CMOS Decoder/Driver




Similar Part No. - SW-284-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
More results


Similar Description - SW-284-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
GaAs Matched SP6T Switch DC - 2 GHz
SW90-0004 MACOM-SW90-0004 Datasheet
251Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24 Datasheet
88Kb / 4P
GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
logo
Tyco Electronics
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW-415-PIN MACOM-SW-415-PIN Datasheet
104Kb / 3P
Matched GaAs SP4T Switch, DC - 2GHz
logo
Bookham, Inc.
P35-0702T BOOKHAM-P35-0702T Datasheet
277Kb / 3P
GaAs MMIC SPDT Terminated Switch, DC-2GHz
logo
M/A-COM Technology Solu...
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24_01 Datasheet
213Kb / 6P
GaAs MMIC SP6T SWITCH DC - 2.5 GHz
HMC252QS24 HITTITE-HMC252QS24_08 Datasheet
173Kb / 4P
GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com