Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-284-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-284-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-284-PIN
Download  SW-284-PIN Download
File Size   59.67 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs Matched SP6T Switch DC - 2 GHz

SW-284-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-284-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-284-PIN
Download  SW-284-PIN Click to download

File Size   59.67 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs Matched SP6T Switch DC - 2 GHz

SW-284-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-284-PIN Product details

Features
• Low DC Power Consumption
• Integral CMOS Decoder/Driver




Similar Part No. - SW-284-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-284-PIN MACOM-SW-284-PIN Datasheet
152Kb / 3P
GaAs Matched SP6T Switch, DC- 2GHz
More results


Similar Description - SW-284-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
GaAs Matched SP6T Switch DC - 2 GHz
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24 Datasheet
88Kb / 4P
GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
logo
Tyco Electronics
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW-209 MACOM-SW-209 Datasheet
101Kb / 2P
Matched GaAs SPST Switch DC - 3 GHz
SW-284-PIN MACOM-SW-284-PIN Datasheet
152Kb / 3P
GaAs Matched SP6T Switch, DC- 2GHz
logo
M/A-COM Technology Solu...
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24_01 Datasheet
213Kb / 6P
GaAs MMIC SP6T SWITCH DC - 2.5 GHz
HMC252QS24 HITTITE-HMC252QS24_08 Datasheet
173Kb / 4P
GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com