Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-415 Datasheet (PDF) - Tyco Electronics

SW-415 Datasheet PDF - Tyco Electronics
Part # SW-415
Download  SW-415 Download
File Size   22.6 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Matched GaAs SP4T Switch DC - 2 GHz

SW-415 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-415 Datasheet PDF - Tyco Electronics

Part # SW-415
Download  SW-415 Click to download

File Size   22.6 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Matched GaAs SP4T Switch DC - 2 GHz

SW-415 Datasheet (HTML) - Tyco Electronics




Similar Part No. - SW-415

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-415-PIN MACOM-SW-415-PIN Datasheet
104Kb / 3P
Matched GaAs SP4T Switch, DC - 2GHz
logo
M/A-COM Technology Solu...
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
More results


Similar Description - SW-415

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
GaAs Matched SP6T Switch DC - 2 GHz
SW-369 MACOM-SW-369 Datasheet
21Kb / 2P
GaAs Matched SP4T Switch 0.02-2 GHz
SW-419 MACOM-SW-419 Datasheet
129Kb / 2P
GaAs SP4T Terminated Switch DC - 2 GHz
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
SW-369-PIN MACOM-SW-369-PIN Datasheet
131Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
SW-415-PIN MACOM-SW-415-PIN Datasheet
104Kb / 3P
Matched GaAs SP4T Switch, DC - 2GHz
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
SW-369-PIN MA-COM-SW-369-PIN Datasheet
50Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com