Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-415 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-415
Description  Matched GaAs SP4T Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-415 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-415 Datasheet HTML 1Page - Tyco Electronics SW-415 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications Subject to Change Without Notice.
V2.00
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
Matched GaAs SP4T Switch
SW-415
INSERTION LOSS vs FREQUENCY
0.5
2.0
2.0
1.5
1.0
0.5
0
0
FREQUENCY (GHz)
1.5
1.0
ISOLATION vs FREQUENCY
0.5
2.0
70
60
50
40
30
20
0
FREQUENCY (GHz)
1.5
1.0
VSWR vs FREQUENCY
1.2
1.4
1.6
2.0
2.0
1.5
1.0
0.5
0
FREQUENCY (GHz)
1.8
1.0
OFF STATE
ON STATE
Absolute Maximum Ratings
1. Operation of this device above any one of these parameters may cause
permanent damage.
Parameter
Absolute Maximum1
Max. Input Power
0.05 GHz
+24 dBm
0.5–2.0 GHz
+30 dBm
Control Voltage
+5V, –8.5V
Operating Temperature
–55˚C to +125°C
Storage Temperature
–65˚C to +150˚C
Typical Performance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com