Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-415 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-415
Description  Matched GaAs SP4T Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-415 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-415 Datasheet HTML 1Page - Tyco Electronics SW-415 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications Subject to Change Without Notice.
V2.00
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
Matched GaAs SP4T Switch
DC - 2 GHz
SW-415
Features
q
Low Insertion Loss, 1.4 dB Typical
q
Fast Switching Speed, 200 ns Typical
q
Low DC Power Consumption
q
Integral CMOS Decoder/Driver
Guaranteed Specifications1
( -55°C to + 85°C
Frequency Range
DC – 2.0 GHz
Insertion Loss
DC – 2.0 GHz
1.8 dB Max
DC – 1.0 GHz
1.5 dB Max
DC – 0.5 GHz
1.2 dB Max
VSWR
DC – 2.0 GHz
1.8:1 Max
DC – 1.0 GHz
1.8:1 Max
DC – 0.5 GHz
1.4:1 Max
Isolation
DC – 2.0 GHz
37 dB Min
DC – 1.0 GHz
43 dB Min
DC – 0.5 GHz
45 dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
Trise, Tfall (10% to 90%)
50 ns Typ
Ton, Toff (50% CTL to 90%/10% RF)
200 ns Typ
Transients (In-Band)
15 mV Typ
Input Power for 1 dB Compression
0.5 – 2.0 GHz
+27 dBm Typ
0.05 GHz
+17 dBm Typ
Intermodulation Intercept Pt.
(for two-tone input power up to +5 dBm)
Intercept Points
IP2
IP3
0.5 – 2.0 GHz
+60
+46
dBm Typ
0.05 GHz
+45
+35
dBm Typ
Control Voltages
Vin Low (0)
0.0 to 1.5V @ 1 µA Max
Vin High (1)
3.5 to 5.0V @ 1 µA Max
Bias Power
-5 VDC @ 5 mA Max
+5 VDC @ 1 mA Max
1. All specifications apply with 50 ohm impedance connected to all RF ports.
2. Contact the factory for standard or custom screening requirements.
FP-25
Functional Schematic
Truth Table
Control Input
Condition of Switch
"1" = Logic High (CMOS)
RF Common to Each RF Port
CMOS 2
CMOS 1
RF1
RF2
RF3
RF4
0
0
ON
OFF
OFF
OFF
0
1
OFF
ON
OFF
OFF
1
0
OFF
OFF
ON
OFF
1
1
OFF
OFF
OFF
ON
0.015 ±0.005 Dia
(0.38 ± 0.13).
9 Places
0.625 ±0.020
(15.88 ± 0.5)
0.625 ±0.020
(15.88 ± 0.5)
0.270 (6.86)
Min Typ.
0.150 Max
0.150 (3.81)
0.088 (2.24)
0.450
(11.43)
0.050 (1.27)
3 Places
0.070 (1.78)
Pin Numbers
In Parentheses
Weight (approx.): 0.12 Ounces 3.4 Grams
(11)
(14)
(15)
(16)
(17)
(20)
(3.81)
.xx = ± 0.02 (.x = ± 0.5)
Bottom of case is AC ground.
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ± 0.25)
RF 3
RF 2
+5V
CMOS 2
CMOS 1
-5V
RF 1
RF COMMON
RF 4
Ordering Information
Model No.
Package
SW-415 PIN
Flatpack


Similar Part No. - SW-415

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-415-PIN MACOM-SW-415-PIN Datasheet
104Kb / 3P
Matched GaAs SP4T Switch, DC - 2GHz
logo
M/A-COM Technology Solu...
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
More results

Similar Description - SW-415

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
GaAs Matched SP6T Switch DC - 2 GHz
SW-369 MACOM-SW-369 Datasheet
21Kb / 2P
GaAs Matched SP4T Switch 0.02-2 GHz
SW-419 MACOM-SW-419 Datasheet
129Kb / 2P
GaAs SP4T Terminated Switch DC - 2 GHz
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
SW-369-PIN MACOM-SW-369-PIN Datasheet
131Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
SW-415-PIN MACOM-SW-415-PIN Datasheet
104Kb / 3P
Matched GaAs SP4T Switch, DC - 2GHz
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
SW-369-PIN MA-COM-SW-369-PIN Datasheet
50Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com