Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-419 Datasheet (PDF) - Tyco Electronics

SW-419 Datasheet PDF - Tyco Electronics
Part # SW-419
Download  SW-419 Download
File Size   129.16 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP4T Terminated Switch DC - 2 GHz

SW-419 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-419 Datasheet PDF - Tyco Electronics

Part # SW-419
Download  SW-419 Click to download

File Size   129.16 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP4T Terminated Switch DC - 2 GHz

SW-419 Datasheet (HTML) - Tyco Electronics




Similar Part No. - SW-419

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-419 MA-COM-SW-419 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
More results


Similar Description - SW-419

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS400 HW-HWS400 Datasheet
139Kb / 3P
GaAs DC-2 GHz SPDT Terminated Switch
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS451 HW-HWS451 Datasheet
126Kb / 2P
GaAs DC-6 GHz SP4T Switch
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
MASW4060G MA-COM-MASW4060G_15 Datasheet
517Kb / 4P
GaAs SP4T Switch DC - 4.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com