Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-419 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-419
Description  GaAs SP4T Terminated Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-419 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-419 Datasheet HTML 1Page - Tyco Electronics SW-419 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.00
Parameter
Absolute Maximum
Max. Input Power
Below 500 MHz
+27 dBm
Above 500 MHz
+30 dBm
Control Voltage
+5 V, – 8.5 V
Storage Temperature
-65° to +150°C
Pin No.
Description
1
RF Common
2
GND
3
GND
4
RF1
5
GND
6
GND
7
RF2
8
GND
9
A2
10
A1
11
B1
12
B2
Pin No.
Description
13
B3
14
B4
15
A4
16
A3
17
GND
18
RF3
19
GND
20
GND
21
RF4
22
GND
23
GND
24
GND
Control Input
Condition Of Switch RF
Common to Each RF Port
A1
B1
A2
B2
A3
B3
A4
B4
RF1
RF2
RF3
RF4
1
0
0
1
0
1
0
1
On
Off
Off
Off
0
1
1
0
0
1
0
1
Off
On
Off
Off
0
1
0
1
1
0
0
1
Off
Off
On
Off
0
1
0
1
0
1
1
0
Off
Off
Off
On
“0” – 0 – -0.2 V @ 20 µA max
“1” – -5 V @ 20 µA Typ to -8 V @ 300 µA max.
Absolute Maximum Ratings1
1.Operation of this device above any one of these parameters may cause perma-
nent damage.
Pin Configuration
Truth Table
Electrical Schematic
Functional Schematic
Typical Performance
GaAs SP4T Terminated Switch
SW-419



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com