Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-419 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-419
Description  GaAs SP4T Terminated Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-419 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-419 Datasheet HTML 1Page - Tyco Electronics SW-419 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Test Conditions2
Unit
Min.
Typ.
Max
Insertion Loss
DC – 0.1 GHz
dB
0.8
1.0
DC – 0.5 GHz
dB
0.8
1.1
DC – 1.0 GHz
dB
0.9
1.2
DC – 2.0 GHz
dB
1.2
1.4
Isolation
DC – 0.1 GHz
dB
54
60
DC – 0.5 GHz
dB
46
51
DC – 1.0 GHz
dB
36
39
DC – 2.0 GHz
dB
20
24
VSWR
On
1.3:1
Off
1.3:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
8
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
16
Transients
In Band
mV
15
One dB
Input Power
0.05 GHz
dBm
21
Compression
Input Power
0.5 – 2.0 GHz
dBm
27
IP2
Measured Relative
0.05 GHz
dBm
45
to Input Power
0.5 – 2.0 GHz
dBm
60
(for two-tone input power up to +5 dBm)
IP3
Measured Relative
0.05 GHz
dBm
35
to Input Power
0.5 – 2.0 GHz
dBm
46
(for two-tone input power up to +5 dBm)
Electrical Specifications, TA = +25°C
Features
q
Very Low Power Consumption: 100 µW
q
Low Insertion Loss: 1 dB
q
High Isolation: 25 dB up to 2 GHz
q
Very High Intercept Point: 46 dBm IP3
q
Nanosecond Switching Speed
q
Temperature Range: -40˚C to +85˚C
q
Low Cost SOIC24 Plastic Package
q
Tape and Reel Packaging Available1
Description
M/A-COM’s SW-419 is a GaAs MMIC SP4T terminated switch in a
low cost SOIC 24-lead wide body surface mount plastic package.
The SW-419 is ideally suited for use where very low power con-
sumption is required. Typical applications include switch matri-
ces, and filter banks in systems such as: radio and cellular equip-
ment, PCM, GPS, fiber optic modules, and other battery powered
radio equipment.
The SW-419 is fabricated with a monolithic GaAs MMIC using a
mature 1-micron process. The process features full chip passiva-
tion for increased performance and reliability.
GaAs SP4T Terminated Switch
DC - 2 GHz
SW-419
SO-24
1. Refer to “Tape and Reel Packaging” Section, or contact factory.
2. All measurements with 0, -5 V control voltages at 1 GHz in a 50
Ω system, unless otherwise specified.
Part No.
Package
SW-419 PIN
SOIC 24-Lead Plastic Package
SW-419 TR
Forward Tape & Reel
SW-419 RTR
Reverse Tape & Reel
Ordering Information


Similar Part No. - SW-419

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-419 MA-COM-SW-419 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
More results

Similar Description - SW-419

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS400 HW-HWS400 Datasheet
139Kb / 3P
GaAs DC-2 GHz SPDT Terminated Switch
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS451 HW-HWS451 Datasheet
126Kb / 2P
GaAs DC-6 GHz SP4T Switch
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
MASW4060G MA-COM-MASW4060G_15 Datasheet
517Kb / 4P
GaAs SP4T Switch DC - 4.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com