Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS429 Datasheet (PDF) - Hexawave, Inc

HWS429 Datasheet PDF - Hexawave, Inc
Part # HWS429
Download  HWS429 Download
File Size   88.08 Kbytes
Page   3 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-3 GHz SPDT Terminated Switch

HWS429 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS429 Datasheet PDF - Hexawave, Inc

Part # HWS429
Download  HWS429 Click to download

File Size   88.08 Kbytes
Page   3 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-3 GHz SPDT Terminated Switch

HWS429 Datasheet (HTML) - Hexawave, Inc


HWS429 Product details

Description

The HWS429 is a GaAs SPDT terminated (non-reflective) switch operating at DC-3 GHz in a  low cost QFN12L (3x3 mm) plastic lead (Pb) free package. The HWS429 features low insertion loss and high isolation with very low DC power consumption and can be used in both 50 ohm and 75 ohm systems. Typical applications include CATV and basestation systems for either SPDT or SPST functions.



Features

• Low Insertion Loss : 0.40 dB @ 0.87 GHz

                             0.50 dB @ 2.5 GHz

• High Isolation: 55 dB @ 0.87 GHz

                      47 dB @ 2.5 GHz

• 50 or 75 Ohm Systems

• Low DC Power Consumption

• Miniature QFN12L (3x3 mm) Plastic Lead (Pb) Free Package

• RoHS (Restrict of Hazardous Substances) Compliant



 




Similar Part No. - HWS429

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS429_V3 HW-HWS429_V3_15 Datasheet
76Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
More results


Similar Description - HWS429

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
HWS429_V3 HW-HWS429_V3_15 Datasheet
76Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com