Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-442 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-442 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-442
Download  SW-442 Download
File Size   126.85 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Terminated Switch DC - 3.0 GHz

SW-442 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-442 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-442
Download  SW-442 Click to download

File Size   126.85 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Terminated Switch DC - 3.0 GHz

SW-442 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-442 Product details

Description
M/A-COM’s SW-442 is a GaAs monolithic switch in a low cost SOT-26 surface mount plastic package. The SW-442 is ideally suited for applications where very low power consumption, low insertion loss and very small size are required.
Typical application is in dual band systems which require switching between small signal components such as filter banks, single band LNAs, converters etc. The SW-442 can be used in applications up to 0.25 Watts in systems such as CDMA, W-CDMA, PCS, DCS1800, GSM and other analog/digital wireless communications systems.

Features
• Low Insertion Loss: 0.5 dB typical up to 1 GHz
• High Isolation: > 38 dB @ 900 MHz
• Low Power Consumption: < 10µA @ -3 V
• Positive or Negative 2.5 to 8 V Control
• Low cost SOT-26 Package
• Available in a lead free version: MASW-007935




Similar Part No. - SW-442

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-442 MACOM-SW-442 Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442PIN MACOM-SW-442PIN Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442RTR MACOM-SW-442RTR Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442SMB MACOM-SW-442SMB Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442TR MACOM-SW-442TR Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
More results


Similar Description - SW-442

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-442 MACOM-SW-442 Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASW-007935 MACOM-MASW-007935 Datasheet
104Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com