Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-442 Datasheet (PDF) - Tyco Electronics

SW-442 Datasheet PDF - Tyco Electronics
Part # SW-442
Download  SW-442 Download
File Size   98.98 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Terminated Switch DC - 3.0 GHz

SW-442 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-442 Datasheet PDF - Tyco Electronics

Part # SW-442
Download  SW-442 Click to download

File Size   98.98 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Terminated Switch DC - 3.0 GHz

SW-442 Datasheet (HTML) - Tyco Electronics


SW-442 Product details

Description
M/A-COM’s SW-442 is a GaAs monolithic switch in a low cost SOT-26 surface mount plastic package. The SW-442 is ideally suited for applications where very low power consumption, low insertion loss, very small size and low cost are required. Typical application is in dual band systems where switching between small signal components is required such as filter banks, single band LNAs, converters etc. The SW-442 can be used in applications up to 0.25 Watts in systems such as CDMA, W-CDMA, PCS, DCS1800, GSM and other analog/digital wireless communications systems.

Features
• Low Cost Plastic SOT-26 Package
• Low Insertion Loss <0.6 dB @ 900 MHz
• High Isolation >38 dB @ 900 MHz
• Low Power Consumption <10µA @ +3V
• Positive or Negative 2.5 to 8 V Control




Similar Part No. - SW-442

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442SMB MA-COM-SW-442SMB Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442TR MA-COM-SW-442TR Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
More results


Similar Description - SW-442

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007935 MACOM-MASW-007935 Datasheet
104Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com