Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-442 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-442
Description  GaAs SPDT Terminated Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-442 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-442 Datasheet HTML 1Page - Tyco Electronics SW-442 Datasheet HTML 2Page - Tyco Electronics SW-442 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT Terminated Switch, DC - 3.0 GHz
SW-442
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+81 44 844 8296, Fax +81 44 844 8298
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
GaAs SPDT Terminated Switch
DC - 3.0 GHz
SW-442
Features
• Low Cost Plastic SOT-26 Package
• Low Insertion Loss <0.6 dB @ 900 MHz
• High Isolation >38 dB @ 900 MHz
• Low Power Consumption <10µA @ +3V
• Positive or Negative 2.5 to 8 V Control
Description
M/A-COM’s SW-442 is a GaAs monolithic switch in a low cost
SOT-26 surface mount plastic package. The SW-442 is ideally
suited for applications where very low power consumption, low
insertion loss, very small size and low cost are required. Typical
application is in dual band systems where switching between
small signal components is required such as filter banks, single
band LNA's, converters etc. The SW-442 can be used in applica-
tions up to 0.25 Watts in systems such as CDMA, W-CDMA,
PCS, DCS1800, GSM and other analog/digital wireless commu-
nications systems.
The SW-442 is fabricated using a mature 0.8 micron GaAs
MESFET process. The process features full passivation for
increased performance and reliability.
SOT-26 Plastic Package
Electrical Specifications T
A = 25°C
Ordering Information
Part Number
Package
SW-442 PIN
SOT-26 Plastic Package
SW-442TR
Forward Tape and Reel
1
SW-442RTR
Reverse Tape and Reel
1
SW-442SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1 GHz
dB
0.5
0.7
1- 2 GHz
dB
0.8
1.0
2 - 3 GHz
dB
1.1
1.25
Isolation
DC - 1 GHz
dB
36
38
1 - 2 GHz
dB
25
28
2 - 3 GHz
dB
21
22
VSWR
DC - 2 GHz
1.4:1
1.5:1
2 - 3 GHz
1.6:1
1.7:1
P
1dB (2.7V supply)
500 MHz - 3 GHz
dBm
24
P
1dB (5V supply)
500 MHz - 3 GHz
dBm
28
IP
2 (2.7V supply)
2-Tone 900 MHz, 5 MHz spacing, 10 dBm each tone
dBm
80
IP
3 (2.7V supply)
2-Tone 900 MHz, 5 MHz spacing, 10 dBm each tone
dBm
50
T
rise, Tfall
T
on, Toff
Transients
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, Control to 10% RF
In-Band
ns
ns
mV
40
60
10
Gate Leakage
V
CTL = 2.5V
µA
6
15
PIN1
XX#Y


Similar Part No. - SW-442

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442SMB MA-COM-SW-442SMB Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442TR MA-COM-SW-442TR Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
More results

Similar Description - SW-442

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007935 MACOM-MASW-007935 Datasheet
104Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com