Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS434 Datasheet (PDF) - Hexawave, Inc

HWS434 Datasheet PDF - Hexawave, Inc
Part # HWS434
Download  HWS434 Download
File Size   74.6 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT Terminated Switch

HWS434 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS434 Datasheet PDF - Hexawave, Inc

Part # HWS434
Download  HWS434 Click to download

File Size   74.6 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT Terminated Switch

HWS434 Datasheet (HTML) - Hexawave, Inc


HWS434 Product details

Description
The HWS434 is a GaAs MMIC SPDT terminated (non-reflective) switch in a low cost SOP-8 plastic lead (Pb) free package. The HWS434 features low insertion loss and high isolation with very low DC power consumption. Typical applications include CATV and basestation systems for either SPDT or SPST functions.

Features
• Low Insertion Loss : 0.70 dB @ 2 GHz
• High Isolation: 34 dB @ 2 GHz
• Low DC Power Consumption
• Miniature SOP-8 Plastic Lead (Pb) Free Package, RoHS Compliant
• PHEMT process




Similar Part No. - HWS434

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS432 HW-HWS432 Datasheet
74Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS433 HW-HWS433 Datasheet
77Kb / 3P
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS433_V3 HW-HWS433_V3_15 Datasheet
76Kb / 3P
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435_V4 HW-HWS435_V4_15 Datasheet
58Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results


Similar Description - HWS434

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-337 ETC-SW-337 Datasheet
100Kb / 2P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS332 HW-HWS332 Datasheet
101Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0180TR-3000 MACOM-MASWSS0180TR-3000 Datasheet
106Kb / 4P
GaAs SPDT Terminated Switch DC - 2.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com