Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-442 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-442
Description  GaAs SPDT Terminated Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-442 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-442 Datasheet HTML 1Page - Tyco Electronics SW-442 Datasheet HTML 2Page - Tyco Electronics SW-442 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT Terminated Switch, DC - 3.0 GHz
SW-442
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+81 44 844 8296, Fax +81 44 844 8298
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
Functional Schematic
Positive Control Voltage
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3V Control
5V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage.
Truth Table
Mode
(Control)
V1
V2
RFC - RF1
RFC - RF2
Positive
1
0±0.2V
+2.5 to +8V
+2.5 to +8V
0±0.2V
On
Off
Off
On
Negative
2
0±0.2V
-2.5V to -8V
-2.5V to -8V
0±0.2V
Off
On
On
Off
1. External DC blocking capacitors are required on all RF ports and
GND. GND capacitors can be used with postive control voltage to
resonate lead inductance for improved isolation.
2. If negative control is used, DC blocking capacitors and GND
capacitors are not required.
PIN Configuration
PIN No.
Function
Description
1
RF1
RF in/out
2
GND
RF Ground
3
RF2
RF in/out
4
V2
V Control 2
5
RFC
RF COMMON
6
V1
V Control 1
Handling Procedures
The following precautions should be observed to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are ESD sensitive and can
be damaged by static electricity. Proper ESD techniques should
be used when handling these devices.
RF1
GND
RF2
V1
RFC
V2
PIN 1
C=39pF
C=39pF
C=39pF
CGND
C=100pF
C=100pF
Functional Schematic
Negative Control Voltage
RF1
GND
RF2
V1
RFC
V2
PIN 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com