Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-442 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-442
Description  GaAs SPDT Terminated Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-442 Datasheet(HTML) 3 Page - Tyco Electronics

  SW-442 Datasheet HTML 1Page - Tyco Electronics SW-442 Datasheet HTML 2Page - Tyco Electronics SW-442 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs SPDT Terminated Switch, DC - 3.0 GHz
SW-442
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+81 44 844 8296, Fax +81 44 844 8298
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
+85°C
+25°C
-40°C
0
0.5
1
1.5
2
2.5
3
00.5
11.5
22.5
3
FREQUENCY (GHz)
CGND=39pF
CGND=8pF
10
15
20
25
30
35
40
45
50
55
60
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
45
50
00.511.5
22.5
3
FREQUENCY (GHz)
CGND=39pF
CGND=8pF
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
00.5
1
1.522.5
3
FREQUENCY (GHz)
+85°C
+25°C
-40°C
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
+25°C
-40°C
+85°C
Typical Performance Curves
Output VSWR vs. Frequency over
Temperature
Input VSWR vs. Frequency over
Temperature
Isolation Loss vs. Frequency over
Temperature (Postive Control)
Isolation Loss vs. Frequency over
Temperature (Negative Control)
Insertion Loss vs. Frequency over
Temperature (Postive Control)
Insertion Loss vs. Frequency over
Temperature (Negative Control)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com