Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007935 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-007935 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-007935
Download  MASW-007935 Download
File Size   127.12 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Terminated Switch DC - 3.0 GHz

MASW-007935 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-007935 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-007935
Download  MASW-007935 Click to download

File Size   127.12 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Terminated Switch DC - 3.0 GHz

MASW-007935 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-007935 Product details

Description
M/A-COM’s MASW-007935 is a GaAs monolithic switch in a low cost lead-free SOT-26 surface mount plastic package. The MASW-007935 is ideally suited for applications where very low power consumption, low insertion loss and very small size are required.
Typical application is in dual band systems which require switching between small signal components such as filter banks, single band LNAs, converters etc. The MASW-007935 can be used in applications up to 0.25 Watts in systems such as CDMA, WCDMA, PCS, DCS1800, GSM and other analog/digital wireless communications systems.

Features
• Low Insertion Loss: 0.5 dB typical up to 1 GHz
• High Isolation: > 38 dB @ 900 MHz
• Low Power Consumption: < 10µA @ -3 V
• Positive or Negative 2.5 to 8 V Control
• Lead-Free SOT-26 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW-442




Similar Part No. - MASW-007935

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007935 MACOM-MASW-007935 Datasheet
104Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch
logo
Tyco Electronics
MASW-007935-000000 MACOM-MASW-007935-000000 Datasheet
104Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007935-000000 MA-COM-MASW-007935-000000 Datasheet
651Kb / 5P
GaAs SPDT Terminated Switch
logo
Tyco Electronics
MASW-007935-TR1000 MACOM-MASW-007935-TR1000 Datasheet
104Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
More results


Similar Description - MASW-007935

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-442 MACOM-SW-442 Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASW-007935 MACOM-MASW-007935 Datasheet
104Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com