Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-415-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-415-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-415-PIN
Download  SW-415-PIN Download
File Size   48.56 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Matched GaAs SP4T Switch, DC - 2 GHz

SW-415-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-415-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-415-PIN
Download  SW-415-PIN Click to download

File Size   48.56 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Matched GaAs SP4T Switch, DC - 2 GHz

SW-415-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-415-PIN Product details

Matched GaAs SP4T Switch, DC - 2 GHz



Features

•  Low Insertion Loss

•  Fast Switching Speed, 200 ns Typical

•  Low DC Power Consumption

•  Integral CMOS Decoder/Driver

•  50 Ohm Nominal Impedance




Similar Part No. - SW-415-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-415-PIN MACOM-SW-415-PIN Datasheet
104Kb / 3P
Matched GaAs SP4T Switch, DC - 2GHz
More results


Similar Description - SW-415-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
GaAs Matched SP6T Switch DC - 2 GHz
SW-369 MACOM-SW-369 Datasheet
21Kb / 2P
GaAs Matched SP4T Switch 0.02-2 GHz
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
SW-419 MACOM-SW-419 Datasheet
129Kb / 2P
GaAs SP4T Terminated Switch DC - 2 GHz
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
SW-369-PIN MACOM-SW-369-PIN Datasheet
131Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
SW-415-PIN MACOM-SW-415-PIN Datasheet
104Kb / 3P
Matched GaAs SP4T Switch, DC - 2GHz
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
SW-369-PIN MA-COM-SW-369-PIN Datasheet
50Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com