Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7404 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7404 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7404
Download  IRF7404 Download
File Size   376.09 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel MOSFET

IRF7404 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7404 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7404
Download  IRF7404 Click to download

File Size   376.09 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel MOSFET

IRF7404 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7404 Product details

Features
VDs (V=-55V
RDs(oN) < 20mΩ (Ves =-4.5V)
RDs(oN) < 60mΩ (Ves =-2.7V)
Generation V Technology
Ultra Low On-Resistance
Surface Mount
Dynamic dv/dt Rating
Fast Switching
lead-Free




Similar Part No. - IRF7404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7404 IRF-IRF7404 Datasheet
163Kb / 8P
HEXFET Power MOSFET
logo
Analog Devices
IRF7404 AD-IRF7404 Datasheet
416Kb / 24P
Thermoelectric Cooler Controller
11/03-Data Sheet Changed from REV. B to REV. C.
IRF7404 AD-IRF7404 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7404 UMW-IRF7404 Datasheet
394Kb / 8P
P-Channel MOSFET
logo
International Rectifier
IRF7404PBF IRF-IRF7404PBF Datasheet
231Kb / 9P
HEXFET Power MOSFET
More results


Similar Description - IRF7404

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com