Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7404 Datasheet (PDF) - Analog Devices

IRF7404 Datasheet PDF - Analog Devices
Part # IRF7404
Download  IRF7404 Download
File Size   416.88 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Thermoelectric Cooler Controller

IRF7404 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7404 Datasheet PDF - Analog Devices

Part # IRF7404
Download  IRF7404 Click to download

File Size   416.88 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Thermoelectric Cooler Controller

IRF7404 Datasheet (HTML) - Analog Devices


IRF7404 Product details

GENERAL DESCRIPTION

The ADN8830 is a monolithic controller that drives a thermoelectric cooler (TEC) to stabilize the temperature of a laser diode or a passive component used in telecommunications equipment.

This device relies on a negative temperature coefficient (NTC) thermistor to sense the temperature of the object attached to the TEC. The target temperature is set with an analog input voltage either from a DAC or an external resistor divider.



FEATURES

  High Efficiency

  Small Size: 5 mm x 5 mm LFCSP

  Low Noise: <0.5% TEC Current Ripple

  Long-Term Temperature Stability: ±0.01°C

  Temperature Lock Indication

  Temperature Monitoring Output

  Oscillator Synchronization with an External Signal

  Clock Phase Adjustment for Multiple Controllers

  Programmable Switching Frequency up to 1 MHz

  Thermistor Failure Alarm

  Maximum TEC Voltage Programmability



APPLICATIONS

  Thermoelectric Cooler (TEC) Temperature Control

  Resistive Heating Element Control

  Temperature Stabilization Substrate (TSS) Control



 




Similar Part No. - IRF7404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7404 IRF-IRF7404 Datasheet
163Kb / 8P
HEXFET Power MOSFET
logo
Analog Devices
IRF7404 AD-IRF7404 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7404 UMW-IRF7404 Datasheet
394Kb / 8P
P-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7404 EVVOSEMI-IRF7404 Datasheet
376Kb / 8P
P-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7404PBF IRF-IRF7404PBF Datasheet
231Kb / 9P
HEXFET Power MOSFET
More results


Similar Description - IRF7404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
Thermoelectric Cooler (TEC) Controller
7/03-Data Sheet Changed from REV PrB to REV PrC.
logo
Linear Technology
LTC1923 LINER-LTC1923 Datasheet
452Kb / 28P
High Efficiency Thermoelectric Cooler Controller
logo
Microsemi Corporation
LX1810 MICROSEMI-LX1810 Datasheet
133Kb / 6P
ThermoElectric Cooler Drive Controller IC
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
logo
Analog Devices
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
logo
Linear Technology
LTC1923 LINER-LTC1923_15 Datasheet
452Kb / 28P
High Efficiency Thermoelectric Cooler Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com