Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7404 Datasheet(PDF) 3 Page - Analog Devices

Part # IRF7404
Description  Thermoelectric Cooler Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IRF7404 Datasheet(HTML) 3 Page - Analog Devices

  IRF7404 Datasheet HTML 1Page - Analog Devices IRF7404 Datasheet HTML 2Page - Analog Devices IRF7404 Datasheet HTML 3Page - Analog Devices IRF7404 Datasheet HTML 4Page - Analog Devices IRF7404 Datasheet HTML 5Page - Analog Devices IRF7404 Datasheet HTML 6Page - Analog Devices IRF7404 Datasheet HTML 7Page - Analog Devices IRF7404 Datasheet HTML 8Page - Analog Devices IRF7404 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. C
ADN8830
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADN8830 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . GND to VS + 0.3 V
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . 125
°C
Lead Temperature Range (Soldering, 10 sec) . . . . . . . . 300
°C
ESD RATINGS
883 (Human Body) Model . . . . . . . . . . . . . . . . . . . . . . 1.0 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
PIN 1
INDICATOR
TOP VIEW
24 COMPOSC
23 PGND
22 N1
21 P1
THERMFAULT 1
THERMIN 2
SD 3
20 PVDD
19 OUT A
18 COMPSWIN
17 COMPSWOUT
TEMPSET 4
TEMPLOCK 5
NC 6
VREF 7
AVDD 8
ADN8830
NC = NO CONNECT
Package Type
JA*
JC
Unit
32-Lead LFCSP (ACP)
35
10
°C/W
* JA is specified for worst-case conditions, i.e., JA is specified for a device
soldered in a 4-layer circuit board for surface-mount packages.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADN8830ACP
–40
°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32-1
ADN8830ACP-REEL
–40
°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32-1
ADN8830ACP-REEL7
–40
°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32-1
ADN8830-EVAL
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com