Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7404 Datasheet(PDF) 6 Page - Analog Devices

Part # IRF7404
Description  Thermoelectric Cooler Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IRF7404 Datasheet(HTML) 6 Page - Analog Devices

Back Button IRF7404 Datasheet HTML 2Page - Analog Devices IRF7404 Datasheet HTML 3Page - Analog Devices IRF7404 Datasheet HTML 4Page - Analog Devices IRF7404 Datasheet HTML 5Page - Analog Devices IRF7404 Datasheet HTML 6Page - Analog Devices IRF7404 Datasheet HTML 7Page - Analog Devices IRF7404 Datasheet HTML 8Page - Analog Devices IRF7404 Datasheet HTML 9Page - Analog Devices IRF7404 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. C
–6–
ADN8830
TEMPERATURE ( C)
1,000
920
–40
85
–15
10
35
60
980
960
940
930
990
970
950
VDD = 5V
RFREQ = 150k
TPC 7. Switching Frequency vs. Temperature
TEMPERATURE ( C)
70
30
–40
85
–15
10
35
60
55
45
35
65
60
50
40
TPC 8. Offset Voltage vs. Temperature
COMMON-MODE VOLTAGE (V)
200
–100
–400
02.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
100
0
–200
–300
TPC 9. Offset Voltage vs. Common-Mode Voltage
SWITCHING FREQUENCY (kHz)
200
1,000
300
400
500
600
700
800
900
45
40
0
20
15
10
5
30
25
35
VDD = 5V
TA = 25 C
USING CIRCUIT SHOWN IN FIGURE 1
TPC 10. Supply Current vs. Switching Frequency
TEMPERATURE ( C)
2.06
2.02
–40
85
–15
10
35
60
2.04
2.03
2.05
TPC 11. Open Thermistor Fault Threshold vs. Temperature
TEMPERATURE ( C)
0.26
0.23
–40
85
–15
10
35
60
0.25
0.24
TPC 12. Short Thermistor Fault Threshold vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com