Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7469 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7469 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7469
Download  IRF7469 Download
File Size   311.35 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N Channel MOSFET

IRF7469 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7469 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7469
Download  IRF7469 Click to download

File Size   311.35 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N Channel MOSFET

IRF7469 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7469 Product details

Features
VDS (V)=40V
RDS(ON)< 17mΩ (VGS = 10V)
RDS(ON)< 21mΩ (VGS = 4.5V)

Applications
High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
High Frequency Buck Converters for
Computer Processor Power
Lead-Free

Benefits
Ultra-Low Gate Impedance
Very Low RDS(on)
Fully Characterized Avalanche Voltage and Current




Similar Part No. - IRF7469

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7469 IRF-IRF7469 Datasheet
114Kb / 8P
Power MOSFET(Vdss=40V, Id=9.0A)
logo
Guangdong Youtai Semico...
IRF7469 UMW-IRF7469 Datasheet
311Kb / 8P
N-Channel MOSFET
logo
International Rectifier
IRF7469PBF IRF-IRF7469PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRF7469PBF IRF-IRF7469PBF Datasheet
131Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRF7469PBF-1 IRF-IRF7469PBF-1 Datasheet
210Kb / 8P
Industry-standard pinout SO-8 Package
More results


Similar Description - IRF7469

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com