Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7469 Datasheet (PDF) - International Rectifier

IRF7469 Datasheet PDF - International Rectifier
Part # IRF7469
Download  IRF7469 Download
File Size   114.76 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Id=9.0A)

IRF7469 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7469 Datasheet PDF - International Rectifier

Part # IRF7469
Download  IRF7469 Click to download

File Size   114.76 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Id=9.0A)

IRF7469 Datasheet (HTML) - International Rectifier


IRF7469 Product details

SMPS MOSFET

Benefits
• Ultra-Low Gate Impedance
• Very Low RDS(on)
• Fully Characterized Avalanche Voltage and Current

Applications
• High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
• High Frequency Buck Converters for Computer Processor Power




Similar Part No. - IRF7469

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7469 UMW-IRF7469 Datasheet
311Kb / 8P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7469 EVVOSEMI-IRF7469 Datasheet
311Kb / 8P
Dual N Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7469PBF IRF-IRF7469PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRF7469PBF IRF-IRF7469PBF Datasheet
131Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRF7469PBF-1 IRF-IRF7469PBF-1 Datasheet
210Kb / 8P
Industry-standard pinout SO-8 Package
More results


Similar Description - IRF7469

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC IRF-IRC Datasheet
229Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF7468 IRF-IRF7468 Datasheet
232Kb / 8P
Power MOSFET(Vdss=40V, Id=9.4A)
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF630SPBF IRF-IRF630SPBF Datasheet
986Kb / 8P
HEXFET POWER MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com