Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1704 Datasheet (PDF) - International Rectifier

IRF1704 Datasheet PDF - International Rectifier
Part # IRF1704
Download  IRF1704 Download
File Size   102.09 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??

IRF1704 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1704 Datasheet PDF - International Rectifier

Part # IRF1704
Download  IRF1704 Click to download

File Size   102.09 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??

IRF1704 Datasheet (HTML) - International Rectifier


IRF1704 Product details

Description

Specifically designed for Automotive applications, this HEXFET® power MOSFET has a 200°C max operating temperature with a Stripe Planar design that utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this HEXFET® power MOSFET are fast switching speed and improved repetitive avalanche rating.

The continuing technology leadership of Internationl Rectifier provides 200°C operating temperature in a plastic package. At high ambient temperatures, the IRF1704 can carry up to 20% more current than similar 175 °C Tj max devices in the same package outline. This makes this part ideal for existing and emerging under-the-hood automotive applications such as Electric Power Steering (EPS), Fuel / Water Pump Control and wide variety of other applications.



Benefits

• 200°C Operaing Temperature

• Advanced Process Technology

• Ultra Low On-Resistance

• Dynamic dv/dt Rating

• Fast Switching

• Repetitive Avalanche Allowed up to Tj Max

• Automotive Qualified (Q101)



 




Similar Part No. - IRF1704

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1730G IRF-IRF1730G Datasheet
171Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=3.7A)
IRF1740G IRF-IRF1740G Datasheet
174Kb / 6P
HEXFET® Power MOSFET
More results


Similar Description - IRF1704

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF7470 IRF-IRF7470 Datasheet
119Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRF7471 IRF-IRF7471 Datasheet
214Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRFBA1404P IRF-IRFBA1404P Datasheet
115Kb / 9P
Power MOSFET(Vdss=40V, Rds(on)=3.7mohm, Id=206A)
IRFPS3810 IRF-IRFPS3810 Datasheet
124Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
IRF2204SPBF IRF-IRF2204SPBF Datasheet
256Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 3.6m廓 , ID = 170A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com